Electronic Components Datasheet Search
  English  ▼

X  

ELP Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # ELP
Description  LOW PRESSURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

ELP Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  ELP Datasheet HTML 1Page - Greystone Energy Systems Inc. ELP Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
LOW PRESSURE TRANSMITTER
ELP SERIES
PRODUCT DESCRIPTION
The Low Pressure Transmitter series is used to
measure positive, negative or differential pressure.
The piezoresistive sensor is ideal for monitoring
the pressure of air or other clean inert gas. Typical
HVAC applications include monitoring of filter
differential pressure or VAV applications. An
integrated static pressure probe provides ease of
installation for duct mounting. Several accessories
are available. A weatherproof polycarbonate
enclosure is provided for electrical connections and
ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The ELP mounts on any surface using the two
holes provided on the base of the unit. Make sure
there is enough space around the unit to connect
the pressure tubing without kinking and avoid
locations where severe vibrations or excessive
moisture are present.
The enclosure provides mounting tabs for ease of
installation.
ACCURACY
±1% F.S.O.
MEASUREMENT TYPE
Differential (single port), Static, Velocity, & Total Pressure
RESPONSE TIME
250 ms
STABILITY
<±1% F.S.O. per year
THERMAL EFFECTS
<±3% over compensated range
COMPENSATED RANGE
0° to 50°C (32° to 122°F)
PROOF PRESSURE
40”W.C.
BURST PRESSURE
120”W.C.
OPERATING CONDITIONS
0 to 50°C (32 to 122°F), 5 to 95 %RH, non-condensing
POWER SUPPLY
20 to 28 Vac/dc (non-isolated half-wave rectified)
SUPPLY CURRENT
Current: 20 mA max
Voltage: <4 mA
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNAL
4-20 mA (2-wire), 0-10 Vdc (3-wire), field selectable
OUTPUT DRIVE CAPABILITIES
Current: 400 Ω max @ 24 Vdc
Voltage: 10K Ω min
ZERO ADJUSTMENTS
Pushbutton auto-zero
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG)
PRESSURE CONNECTION
6.35 mm (0.25”) Nylon barb fitting for 3.175 mm (0.125”) to 4.762 mm (0.1875”) ID
tubing
CONDUIT CONNECTION
1/2” NPT conduit or cable gland
ENCLOSURE
Grey Polycarbonate UL-94-V0, IP65 (NEMA 4X)
APPROVALS
CE, ROHS
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
96.27 mm
3.79"
49.27 mm
1.94"
112.5 mm
4.43"
53.7 mm
2.11"
116.5 mm
4.58"
99.7 mm
3.93"
0.5" NPT
0.5" NPT
112.5 mm
4.43"
99.7 mm
3.93"
53.7 mm
2.11"
116.5 mm
4.585"
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH F ENCLOSURE OPTION


Similar Part No. - ELP

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ELP HAMMOND-ELP Datasheet
69Kb / 2P
Electronic Locking Handle with Proximity
logo
Leadshine Technology Co...
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
75W Single Output with PFC Function
ELP-75-12 MEANWELL-ELP-75-12 Datasheet
731Kb / 2P
75W Single Output with PFC Function
More results

Similar Description - ELP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
Pressure transmitter
logo
Greystone Energy System...
PS-HALP GREYSTONE-PS-HALP Datasheet
442Kb / 2P
HIGH ACCURACY LOW PRESSURE TRANSMITTER
EUP GREYSTONE-EUP Datasheet
297Kb / 2P
ULTRA LOW PRESSURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com