Electronic Components Datasheet Search
  English  ▼

X  

GLPSD Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GLPSD
Description  DIFFERENTIAL PRESSURE SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GLPSD Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GLPSD Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GLPSGXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
DIFFERENTIAL PRESSURE SWITCH
GLPS-D SERIES
1/4” NPT CONNECTION
MOUNTING PLATE
PRODUCT DESCRIPTION
The GLPS-D differential pressure switch is a low
cost effective pressure monitoring solution for
liquids and non aggressive gases. The unit is
designed for both flow proving and flow failure
detection to cover the range of 0.5 to 3.5 Bar (7.25
to 50.75 PSI). Approximate setpoint can be viewed
on the dial at the front of the unit.
ORDERING INFORMATION
GLPS-D
GLPS-D-65
CONTACT FUNCTION
CONTACT RATING
1
3
5
1 Common Terminal
3 Close on Pressure Increase
5 Close on Pressure Decrease
: Operating direction on pressure increase at high
pressure side.
RATED VOLTAGE (V)
125 VAC
250 VAC
RATED AMPS (A)
Non-Inductive Current
20A
10A
Inductive Current
Full Load
15A
8A
Locked Rotor
72A
DIFFERENTIAL
0.5 to 3.5 Bar (7.25 to 50.75 PSI)
Factory set 1 Bar (14.5 PSI)
MAX WORKING PRESSURE
16.5 Bar (239 PSI)
PRESSURE CONNECTION
1/4” NPT
CONTACT RATING
See chart below
FLUID TEMPERATURE
-20 to 120°C (-4 to 248°F)
PROTECTION
GLPS-D: IP33
GLPS-D-65: IP65
DIMENSIONS
GLPS-D: 80mm W x 63.1mm H x 50mm D (3.15” x 2.48” x 1.96”)
GLPS-D-65: 129mm W x 176mm H x 53mm W (5.07” x 6.92” x 2.08”)
APPROVALS
CE
SPECIFICATIONS
CONNECTION AND INSTALLATION
1/4” NPT
Ø2.4 x 1
Capillary Tube
27mm
1.06”
40mm
1.57”
82mm
3.22”
Ø4.4mm
0.17”
80mm
3.15”
63.1mm
2.48”
H P
80mm
3.15”
1/4” NPT
28mm
1.1”
63.5mm
2.5”
53mm
2.08”
176mm
6.92”
25mm
0.98”
Ø12mm
0.47”
129mm
5.07”


Similar Part No. - GLPSD

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
GLPSF PCTEL-GLPSF Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-5X1 PCTEL-GLPSF-5X1 Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-UH350-6X1 PCTEL-GLPSF-UH350-6X1 Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-UH6X1HB PCTEL-GLPSF-UH6X1HB Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-UH6X1LB PCTEL-GLPSF-UH6X1LB Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
More results

Similar Description - GLPSD

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
BELIMO AIRCONTROLS (USA...
01APS-50R BELIMO-01APS-50R Datasheet
494Kb / 3P
Differential Pressure Switch
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
Greystone Energy System...
GFS GREYSTONE-GFS Datasheet
266Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
AFS GREYSTONE-AFS Datasheet
199Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com