Electronic Components Datasheet Search
  English  ▼

X  

GLPSG Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GLPSG
Description  GAUGE PRESSURE SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GLPSG Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GLPSG Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GLPSGXXX-01
04/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
GAUGE PRESSURE SWITCH
GLPS-G SERIES
PRODUCT DESCRIPTION
The GLPS-G pressure switch is a cost effective
pressure monitoring solutions for liquids and
non aggressive gases. The compact design and
rugged construction makes the GLPS-G suitable
for monitoring pumps, chillers, valves, etc. The
unit has an adjustable setpoint with adjustable
differential and comes complete with a dial to
show the liquid pressure.
ORDERING INFORMATION
GLPS-G
CONTACT FUNCTION
CONTACT RATING
1
3
5
1 Common Terminal
3 Close on Pressure Decrease
5 Close on Pressure Increase
: Pressure rise.
RATED VOLTAGE (V)
125 VAC
250 VAC
24 VDC
RATED AMPS (A)
Non-Inductive Current
20A
10A
10A
Inductive Current
Full Load
15A
8A
8A
Locked Rotor
72A
64A
1/4” NPT CONNECTION
MOUNTING PLATE
CONNECTION AND INSTALLATION
1/4” NPT
Ø2.4 x 1
Capillary Tube
27mm
1.06”
40mm
1.57”
82mm
3.22”
Ø4.4mm
0.17”
RANGE
-0.5 to 6 Bar (-7.25 to 87 PSI)
MAX WORKING PRESSURE
16.5 Bar (239 PSI)
DIFFERENTIAL
0.6 to 4 Bar (8.7 to 58 PSI)
FACTORY SETTINGS
Off: 3 Bar (43.5 PSI)
On: 2 Bar (29 PSI)
RESET
Automatic
PRESSURE CONNECTION
1/4” NPT
CONTACT RATING
See chart below
FLUID TEMPERATURE
-20 to 120°C (-4 to 248°F)
PROTECTION
IP44
DIMENSIONS
80mm W x 62.5mm H x 50mm D
(3.15” x 2.46” x 1.96”)
APPROVALS
CE
SPECIFICATIONS
80mm
3.15”
36mm
1.41”
1/4” NPT
62.5mm
2.46”


Similar Part No. - GLPSG

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
GLPSD GREYSTONE-GLPSD Datasheet
120Kb / 1P
DIFFERENTIAL PRESSURE SWITCH
logo
PCTEL, Inc.
GLPSF PCTEL-GLPSF Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-5X1 PCTEL-GLPSF-5X1 Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-UH350-6X1 PCTEL-GLPSF-UH350-6X1 Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
GLPSF-UH6X1HB PCTEL-GLPSF-UH6X1HB Datasheet
526Kb / 5P
Trooper™ Max Combination Antenna - 5G Cellular, WiFi 6E, GNSS with LMR Option
More results

Similar Description - GLPSG

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com