Electronic Components Datasheet Search
  English  ▼

X  

GT-ASM Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GT-ASM
Description  ANALOG SCALING MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GT-ASM Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GT-ASM Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-GTASMXXX-02
03/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
ANALOG SCALING MODULE
GT-ASM
PRODUCT DESCRIPTION
The GT-ASM analog scaling module is used for analog
signal conversion or re-scaling. It will accept one DC
voltage, current or resistance input signal and output a
non-isolated voltage or current signal. The output signal is
easily calibrated for various offsets and spans and can be
direct or reverse acting to provide signal inversion.
The GT-ASM also includes a regulated power output that
can be used to power a transducer or resistance input.
It features top-adjust trim-pots for offset, gain, input
attenuation and reverse-offset calibration. There is also an
LED power indicator.
The product comes with standard snap-track for easy
mounting or is also available mounted in a hinged ABS
enclosure.
APPLICATIONS
•
Resistance to voltage or current conversion
•
Voltage to voltage or current conversion
•
Current to voltage or current conversion
•
Voltage or current signal reversal
ORDERING INFORMATION
GT-ASM
POWER SUPPLY
23 to 28 Vdc, 22 to 26 Vac half-wave rectified
CONSUMPTION
100 mA maximum
PROTECTION CIRCUITRY
Reverse voltage protected, overvoltage protected
OPERATING CONDITIONS
0 to 50°C (32 to 122°F) 5 to 95 %RH non-condensing
STORAGE CONDITIONS
-30 to 70°C (-22 to 158°F) 5 to 95 %RH non-condensing
WIRING CONNECTIONS
Screw terminal block 14 to 22 AWG
ENCLOSURE
Snap back mounting
59.7mm L x 82.5mm W (2.35” x 3.25”)
POWER OUTPUT
Regulated Power: 20 Vdc ±10% @ 30 mA maximum, output to power an external sensor
INPUT SIGNAL
Voltage Range: 0 to 17.5 Vdc
Voltage Impedance: >100 KΩ
Current Range: 0 to 30 mA
Current Impedance: 250 Ω
OUTPUT SIGNAL
Voltage Range: 0 to 17.5 Vdc
Voltage Impedance: 3 KΩ @ 17.5 Vdc
Current Range: 0 to 30 mA
Current Impedance: 650 Ω @ 20 mA
Accuracy: ±1%
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
ATN GAN REV OFF
OFFSET
0 - +
IN
OUT
V mA
POWER
PWR COM 20V IN OUT
REV NORM
82.5mm
3.25”
59.7mm
2.35”


Similar Part No. - GT-ASM

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
GT-AI GREYSTONE-GT-AI Datasheet
262Kb / 1P
ANALOG ISOLATION MODULE
GT-AI420 GREYSTONE-GT-AI420 Datasheet
226Kb / 1P
ANALOG ISOLATION MODULE
GT-AR-2 GREYSTONE-GT-AR-2 Datasheet
129Kb / 1P
ANALOG RELAY MODULE
GT-ARES GREYSTONE-GT-ARES Datasheet
301Kb / 1P
ANALOG RESISTANCE MODULE
More results

Similar Description - GT-ASM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5D2400X SAMSUNG-S5D2400X Datasheet
2Mb / 92P
S5D2400X scaling image processor
logo
Gennum Corporation
GF9320 GENNUM-GF9320 Datasheet
952Kb / 60P
Scaling Processor
logo
List of Unclassifed Man...
IP00C711 ETC2-IP00C711 Datasheet
627Kb / 2P
Image Scaling Device
2240-002 ETC2-2240-002 Datasheet
456Kb / 3P
ANALOG ACCELEROMETER MODULE
2220-002 ETC2-2220-002 Datasheet
416Kb / 3P
ANALOG ACCELEROMETER MODULE
2210-002 ETC2-2210-002 Datasheet
538Kb / 3P
ANALOG ACCELEROMETER MODULE
logo
Systemsensor advanced i...
M500M-4-20 SYSTEMSENSOR-M500M-4-20 Datasheet
244Kb / 2P
Analog Input Module
logo
List of Unclassifed Man...
RTD2523 ETC2-RTD2523 Datasheet
1Mb / 129P
Zoom scaling up and down
logo
Contec Co., Ltd
CPS-AI-1608LI CONTEC-CPS-AI-1608LI Datasheet
541Kb / 2P
Analog Input Module
logo
Greystone Energy System...
GT-AR-2 GREYSTONE-GT-AR-2 Datasheet
129Kb / 1P
ANALOG RELAY MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com