Electronic Components Datasheet Search
  English  ▼

X  

TXGL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TXGL
Description  GLASS TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXGL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TXGL Datasheet HTML 1Page - Greystone Energy Systems Inc. TXGL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
GLASS TEMPERATURE TRANSMITTER
TXGL SERIES
PRODUCT DESCRIPTION
The single point glass temperature transmitter
utilizes a precision sensor encapsulated in a
31.75mm L x 9.525mm W x 9.525 mm H (1.25”
x .375” x .375”) Aluminum probe. Standard wire
length is 1.5 m (5’). All probes are constructed
to provide excellent heat transfer, fast response,
and are potted to resist moisture penetration. It is
available with a variety of enclosures. A transmitter
that provides a high accuracy signal with excellent
long term stability, low hysteresis and fast
response is available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
Find a suitable location on an exterior window
where both the probe and enclosure can be
mounted. On one side apply epoxy compound
and press firmly against the glass. Hold in place
until the epoxy has set.
Enclosure provides mounting tabs for ease of
installation.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 100°C (-40 to 212°F)
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
WIRE LENGTH
1.524m (5’)
PROBE MATERIAL
Aluminum
PROBE DIMENSIONS
31.75mm L x 9.525mm W x 9.525mm H (1.25” x 0.375” x 0.375”)
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 mA maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: ABS, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16), and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
82.5 mm
3.25"
69.8 mm
2.75"
1/2” NPT
76.2 mm
3.00"
52.0 mm
2.05"
1.5 m
5’
9.525 mm
0.375"
31.75 mm
1.25”
22 AWG, PVC Insulation
Aluminum


Similar Part No. - TXGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXG1010 TI2-TXG1010 Datasheet
1Mb / 28P
TXG1010 1-bit, ±10V Ground-level Translator
REVISED SEPTEMBER 2026
TXG1010DSER TI2-TXG1010DSER Datasheet
1Mb / 28P
TXG1010 1-bit, ±10V Ground-level Translator
REVISED SEPTEMBER 2026
TXG1020 TI2-TXG1020 Datasheet
1Mb / 34P
TXG102x 2-bit, ±10V Ground-Level Translator
JUNE 2025
TXG1020 TI2-TXG1020 Datasheet
2Mb / 38P
TXG102x-Q1 2-bit, ±10V Ground-Level Translator
MAY 2025
TXG1020 TI2-TXG1020 Datasheet
1Mb / 40P
TXG102x 2-bit, ±10V Ground-Level Translator
REVISED NOVEMBER 2025
More results

Similar Description - TXGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAMAB230DA3C ETC2-TAMAB230DA3C Datasheet
210Kb / 2P
TEMPERATURE TRANSMITTER
logo
Fuji Electric
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
OPTICAL TEMPERATURE TRANSMITTER
logo
FOTEK CONTROLS CO., LTD...
TR-2W-PT-100E FOTEK-TR-2W-PT-100E Datasheet
427Kb / 2P
Temperature transmitter
logo
Greystone Energy System...
PS-HATDGL GREYSTONE-PS-HATDGL Datasheet
265Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER WITH LCD
PS-HATXGL GREYSTONE-PS-HATXGL Datasheet
322Kb / 2P
HIGH ACCURACY GLASS TEMPERATURE TRANSMITTER
PS-TE500H GREYSTONE-PS-TE500H Datasheet
207Kb / 2P
STACK TEMPERATURE TRANSMITTER
10/19
TDGL GREYSTONE-TDGL Datasheet
216Kb / 2P
GLASS TEMPERATURE TRANSMITTER WITH LCD
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXRC GREYSTONE-TXRC Datasheet
181Kb / 2P
ROOM TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com