Electronic Components Datasheet Search
  English  ▼

X  

SP7618 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP7618
Description  Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation SP7618 Datasheet HTML 7Page - Sipex Corporation SP7618 Datasheet HTML 8Page - Sipex Corporation SP7618 Datasheet HTML 9Page - Sipex Corporation SP7618 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM
Part Number
Operating Temperature Range
Package Type
SP768ER-L...................................-40°C to +85°C ............................Lead Free 8 Pin DFN
(2mm x 3mm)
SP768ER-L/TR ...... ......................-40°C to +85°C ............................Lead Free 8Pin DFN
(2mm x 3mm)
/TR = Tape and Reel
Pack quantity is 3,000 for DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com