Electronic Components Datasheet Search
  English  ▼

X  

SP7618ER-L Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7618ER-L
Description  Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618ER-L Datasheet(HTML) 2 Page - Sipex Corporation

  SP7618ER-L Datasheet HTML 1Page - Sipex Corporation SP7618ER-L Datasheet HTML 2Page - Sipex Corporation SP7618ER-L Datasheet HTML 3Page - Sipex Corporation SP7618ER-L Datasheet HTML 4Page - Sipex Corporation SP7618ER-L Datasheet HTML 5Page - Sipex Corporation SP7618ER-L Datasheet HTML 6Page - Sipex Corporation SP7618ER-L Datasheet HTML 7Page - Sipex Corporation SP7618ER-L Datasheet HTML 8Page - Sipex Corporation SP7618ER-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
Supply Voltage (Vcc) .………………………..6.0V
Input Voltage at any input .….-0.6V to Vcc +0.5V
8-pin DFN Package
Thermal Resistance................................ 590C/W
Junction Temperature .......... -40 0C to +70 0C*
Storage Temperature ..………...-65°C to +50°C
Soldering Temperature ...………………+240°C**
*) Internally limited
**) Duration 0s maximum
Ambient temperature Ta = 25°C, 3.0V < Vcc < 5.5V, .0V < VLED < 3.0V, 00mA < ILED <033A.
Bold denotes
specifications which apply over the full operating temperature range, -40°C to +85°C.
PARAMETER
MIN
TYP
MAX
UNITS CONDITIONS
Vcc Voltage Operating Range 
2.5
5.5
V
Quiescent Current
350
420
µ
A
Iled = 35mA
Supply
Current
Shutdown Mode

µ
A
EN = GND, CTRL = DC
Sleep Mode
350
EN = Vcc, CTRL = GND
After Time Duration 2
350
EN = Vcc, CTRL = DC
LED
Output
Current
after
0 pulses on CTRL3
25
nA
Vled = .0V, Vcc = 5.5V
 pulse on CTRL4
35
mA
3 pulses on CTRL4
02
3 pulses on CTRL
033
LED Current Accuracy 5
-8
8
%
35mA < Iled < 033 mA
LED Current Line Regulation 6
0.
0.5
%/V
3.0 < Vcc < 5.5V,Vled =V
LED Current Load Regulation 7
.5
6
%
 < Vled < 2.5V, Vcc =
5.5V
LED Current Thermal Regulation
0.0
%/°C
Iled = 00 mA
VLED Dropout Voltage 8
50
00
mV
Iled = 00mA @ 25°C
90
85
Iled = 700mA @ 25°C
00
20
Iled = 033mA @ 25°C
Thermal Shutdown Die Tempera-
ture
60
°C
Iled = 35mA
Thermal Shutdown Hysteresis
25
°C
Setup Time after last count 9
50
µ
s
CTRL input Data Rate
4
MHz
Wake-up Time from Shutdown
50
µ
s
EN = LOW to HIGH,
CTRL = DC
Turn-off Time into Shutdown
30
µ
s
EN = HIGH to LOW,
CTRL = DC
Turn-off Time into Sleep Mode
25
450
µ
s
EN = HIGH, CTRL =
HIGH to LOW
Time Duration before Sleep Mode
2
4
7
s
Iled > 266 mA, EN =
HIGH, CTRL = HIGH
EN and CTRL pin
Logic Voltage
LOW
0.4
V
Driver in Shutdown Mode
HIGH
1.4
Vcc10
2.5V ≤ Vcc ≤ 5.5V
Power-on-Reset
20
ms
See notes on next page
These are stress ratings only and
functional operation of the device at
these ratings or any other above those
indicated in the operation sections of
the specifications below is not implied.
Exposure to absolute maximum rating
conditions for extended periods of time
may affect reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com