Electronic Components Datasheet Search
  English  ▼

X  

UPC2260 Datasheet(PDF) 8 Page - NEC

Part # UPC2260
Description  LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2260 Datasheet(HTML) 8 Page - NEC

Back Button UPC2260 Datasheet HTML 4Page - NEC UPC2260 Datasheet HTML 5Page - NEC UPC2260 Datasheet HTML 6Page - NEC UPC2260 Datasheet HTML 7Page - NEC UPC2260 Datasheet HTML 8Page - NEC UPC2260 Datasheet HTML 9Page - NEC UPC2260 Datasheet HTML 10Page - NEC UPC2260 Datasheet HTML 11Page - NEC UPC2260 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet G14901EJ2V0DS00
8
µµµµ PC2260
PACKAGE DRAWING
5-PIN PLASTIC V-DIP (V)
NOTE
Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
D
E
10.4 MAX.
0.25
G
A
17.75
±0.7
F
0.75
±0.1
I
3.4
H
1.7
J
1.7 MAX.
K
5.0 MIN.
L
6.5
P5VP-340B3-3
M
8.5
N
4.6
±0.2
P
1.3
±0.1
Q
21.15 MAX.
S
4.75
±0.7
T
4.3
±0.7
U
2.8
±0.2
V
0.45
±0.1
W
3.9
X
4.25
±0.5
3.6
±0.1
φ
15
M
A
Q
H
K
M
L
P
J
I
D
E
FG
N
S
T
U
V
W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com