Electronic Components Datasheet Search
  English  ▼

X  

US72 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # US72
Description  Single Coil Fan Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

US72 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  US72 Datasheet HTML 1Page - List of Unclassifed Manufacturers US72 Datasheet HTML 2Page - List of Unclassifed Manufacturers US72 Datasheet HTML 3Page - List of Unclassifed Manufacturers US72 Datasheet HTML 4Page - List of Unclassifed Manufacturers US72 Datasheet HTML 5Page - List of Unclassifed Manufacturers US72 Datasheet HTML 6Page - List of Unclassifed Manufacturers US72 Datasheet HTML 7Page - List of Unclassifed Manufacturers US72 Datasheet HTML 8Page - List of Unclassifed Manufacturers US72 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
US72/73
Single Coil Fan Driver
3901090261
Page 4 of 9
Data Sheet
Rev. 002
May/04
4. US72/73 Magnetic Specifications
DC Operating Parameters TA = 25, TA = 25
oC, V
DD = 12V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operate Point
Bop
3.0
6.0
mT
Release Point
Brp
-6.0
-3.0
mT
Hysteresis
Hys
6.0
mT
Note:
1 mT = 10 Gauss
5. General Description
The US72 / US73 provide a one-chip solution for 2-wire or 3-wire fans with a single coil winding. The chip
contains the Hall-effect sensor, dynamic offset correction, and power drivers in a single package. The
output drivers and supply pins are fully protected against switching transients. The FG or RD open-drain
signal outputs are compatible with any TTL or CMOS logic input.
6. Unique Features
The switching of the load current is controlled to limit current slew-rate, and eliminate shoot-through
currents. The 200uS (typical) recirculation allows the current to decay, reducing the switching noise.
The built-in locked-rotor protection will automatically shut off the coil current when the rotor is
mechanically blocked, or the rotational speed drops below 60 RPM. The fan will try to restart every 1.5
seconds until the obstruction is clear. The On / Off cycling reduces the average stall current to 1/6
normal; this is enough to prevent overheating or damage to most fans.
A common two-coil fan with unipolar drivers only uses half of the coil windings at any time. The one-coil
design with full-bridge drivers uses all the windings all the time to generate torque. This generally allows
for a smaller, more efficient stator design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com