Electronic Components Datasheet Search
  English  ▼

X  

VFC320 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # VFC320
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VFC320 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VFC320 Datasheet HTML 3Page - Texas Instruments VFC320 Datasheet HTML 4Page - Texas Instruments VFC320 Datasheet HTML 5Page - Texas Instruments VFC320 Datasheet HTML 6Page - Texas Instruments VFC320 Datasheet HTML 7Page - Texas Instruments VFC320 Datasheet HTML 8Page - Texas Instruments VFC320 Datasheet HTML 9Page - Texas Instruments VFC320 Datasheet HTML 10Page - Texas Instruments VFC320 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VFC320
7
SBVS017A
where fFS is the full scale output frequency in Hz. The
temperature drift of C1 is critical since it will add directly to
the errors of the transfer function. An NPO ceramic type is
recommended. Every effort should be made to minimize
stray capacitance associated with C1. It should be mounted
as close to the VFC320 as possible. Figure 8 shows pulse
width and full scale frequency for various values of C1 at
DFS = 25%.
FIGURE 8. Output Pulse Width (D
FS = 0.25) and Full Scale
Frequency vs External One-shot Capacitance.
OFFSET AND GAIN ADJUSTMENT PROCEDURES
To null errors to zero, follow this procedure:
1. Apply an input voltage that should produce an output
frequency of 0.001 • full scale.
2. Adjust R5 for proper output.
3. Apply the full scale input voltage.
4. Adjust R3 for proper output.
5. Repeat stems 1 through 4.
If nulling is unnecessary for the application, delete R4 and
R5, and replace R3 with a short circuit.
POWER SUPPLY CONSIDERATIONS
The power supply rejection ratio of the VFC320 is 0.015%
of FSR/% max. To maintain
±0.015% conversion, power
supplies which are stable to within
±1% are recommended.
These supplies should be bypassed as close as possible to the
converter with 0.01
µF capacitors.
Internal circuitry causes some current to flow in the common
connection (pin 11 on DIP package). Current flowing into
the fOUT pin (logic sink current) will also contribute to this
current. It is advisable to separate this common lead ground
from the analog ground associated with the integrator input
to avoid errors produced by these currents flowing through
any ground return impedance.
DESIGN EXAMPLE
Given a full scale input of +10V, select the values of R1, R2,
R3, C1, and C2 for a 25% duty cycle at 100kHz maximum
operation into one TTL load. See Figure 6.
Selecting C1 (DFS = 0.25)
C1 = [(33 • 106)/fMAX] – 15
[(66 • 106)/fMAX] – 15
if DFS = 0.5
= [(33 • 106)/100kHz] – 15
= 315pF
Choose a 300pF NPO ceramic capacitor with 1% to 10%
tolerance.
Selecting R1 and R3 (DRS = 0.25)
R1 + R3 = VIN max/0.25mA
VIN max/0.5mA
if DFS = 0.5
= 10V/0.25mA
= 40k
Ω
Choose 32.4k
Ω metal film resistor with 1% tolerance and
R3 = 10kΩ cermet potentiometer.
Selecting C2
C2 = 102/FMAX
= 102/100kHz
= 0.001
µF
Choose a 0.001
µF capacitor with ±5% tolerance.
Integrating Capacitor, C2
Since C2 does not occur in the V/F transfer function equation
(9), its tolerance and temperature stability are not important;
however, leakage current in C2 causes a gain error. A
ceramic type is sufficient for most applications. The value of
C2 determines the amplitude of VOUT. Input amplifier satu-
ration, noise levels for the comparators and slew rate limit-
ing of the integrator determine a range of acceptable values,
100/fFS; if fFS ≤ 100kHz
C2 (µF) =
0.001; if 100kHz < fFS ≤ 500kHz
0.0005; if fFS > 500kHz
Output Pull Up Resistor R2
The open collector output can sink up to 8mA and still be
TTL-compatible. Select R2 according to this equation:
R2 min (Ω) VPULLUP/(8mA – ILOAD)
A 10% carbon film resistor is suitable for use as R2.
Trimming Components R3, R4, R5
R5 nulls the offset voltage of the input amplifier. It should
have a series resistance between 10k
Ω and 100kΩ and a
temperature coefficient less than 100ppm/
°C. R
4 can be a
10% carbon film resistor with a value of 10M
Ω.
R3 nulls the gain errors of the converter and compensates for
initial tolerances of R1 and C1. Its total resistance should be
at least 20% of R1, if R1 is selected 10% low. Its temperature
coefficient should be no greater than five times that of R1 to
maintain a low drift of the R3 - R1 series combination.
(13)
10
1
Capacitance C
1(pF)
10,000
1000
100
10
1
10
6
10
5
10
4
10
3
10
2
10
2
10
3
10
4
10
5
Full Scale Frequency
Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com