Electronic Components Datasheet Search
  English  ▼

X  

VFC320CG Datasheet(PDF) 2 Page - Texas Instruments

Part # VFC320CG
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VFC320CG Datasheet(HTML) 2 Page - Texas Instruments

  VFC320CG Datasheet HTML 1Page - Texas Instruments VFC320CG Datasheet HTML 2Page - Texas Instruments VFC320CG Datasheet HTML 3Page - Texas Instruments VFC320CG Datasheet HTML 4Page - Texas Instruments VFC320CG Datasheet HTML 5Page - Texas Instruments VFC320CG Datasheet HTML 6Page - Texas Instruments VFC320CG Datasheet HTML 7Page - Texas Instruments VFC320CG Datasheet HTML 8Page - Texas Instruments VFC320CG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VFC320
2
SBVS017A
✻ Specification the same as for VFC320BP.
ELECTRICAL CHARACTERISTICS
At TA = +25°C and ±15VDC power supply, unless otherwise noted.
NOTES: (1) A 25% duty cycle at full scale (0.25mA input current) is recommended where possible to achieve best linearity. (2) Determined by R
IN and full scale current range
constraints. (3) Adjustable to zero. See Offset and Gain Adjustment section. (4) Linearity error at any operating frequency is defined as the deviation from a straight line drawn between
the full scale frequency and 0.1% of full scale frequency. See Discussion of Specifications section. (5) When offset and gain errors are nulled, at an operating temperature, the linearity
error determines the final accuracy. (6) For e
1 = 0 typical linearity errors are: 0.01% at 10kHz, 0.2% at 100kHz, 0.1% at 1MHz. (7) Exclusive of external components’ drift.
(8) FSR = Full Scale Range (corresponds to full scale and full scale input voltage.) (9) Positive drift is defined to be increasing frequency with increasing temperature.
(10) One pulse of new frequency plus 50ns typical.
VFC320BP
VFC320CP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
V/F CONVERTER fOUT = VIN/7.5 R1C1, Figure 4
INPUT TO OP AMP
Voltage Range(1)
Fig. 4 with e2 = 0
>0
Note 2
V
Fig. 4 with e1 = 0
<0
–10
V
Current Range(1)
IIN = VIN/RIN
+0.25
+750
✻✻
µA
Bias Current
Inverting Input
48
✻✻
nA
Noninverting Input
10
30
✻✻
nA
Offset Voltage(3)
±0.15
✻
mV
Offset Voltage Drift
±5
✻
µV/°C
Differential Impedance
300 || 5
650 || 5
✻✻
k
Ω || pF
Common-Mode
Impedance
300 || 3
500 || 3
✻✻
k
Ω || pF
ACCURACY
Linearity Error(1) (4) (5)
Fig. 4 with e2 = 0(6)
0.01Hz
≤ f
OUT ≤ 10kHz
±0.004
±0.005
±0.0015
±0.002
% FSR
0.1Hz
≤ f
OUT ≤ 100kHz
±0.008
±0.030
✻✻
% FSR
1Hz
≤ f
OUT ≤ 1MHz
±0.1
✻
% FSR
Offset Error Input
Offset Voltage(3)
±15
✻
ppm FSR
Offset Drift(7)
±0.5
✻
ppm FSR/
°C
Gain Error(3)
±5
±10
✻✻
% FSR
Gain Drift(7)
f = 10kHz
50
20
ppm FSR/
°C
Full Scale Drift
f = 10kHz
50
20
ppm FSR/
°C
(Offset Drift and Gain Drift)(7)(8)(9)
Power Supply Sensitivity
±V
CC = 14VDC to 18VDC
±0.015
✻
% FSR%
DYNAMIC RESPONSE
Full Scale Frequency
CLOAD ≤ 50pF
1
✻
MHz
Dynamic Range
6
✻
Decades
Settling Time
(V/F) to Specified Linearity
For a Full Scale Input Step
Note 10
✻
Overload Recovery
<50% Overload
Note 10
✻
OPEN COLLECTOR OUTPUT
Voltage, Logic “0”
ISINK = 8mA, max
0.4
✻
V
Leakage Current, Logic “1”
VO = 15V
0.01
1.0
✻✻
µA
Voltage, Logic “1”
External Pull-up Resistor
Required (See Figure 4)
VPU
✻
V
Duty Cycle at FS
For Best Linearity
25
✻
%
Fall Time
IOUT = 5mA, CLOAD = 500pF
100
✻
ns
F/V CONVERTER VOUT = 7.5 R1C1 fIN, Figure 9
INPUT TO COMPARATOR
Impedance
50 || 10
150 || 10
✻✻
k
Ω || pF
Logic “1”
+1.0
+VCC
✻✻
V
Logic “0”–VCC
–0.05
✻✻
V
Pulse-width Range
0.25
✻
µs
OUTPUT FROM OP AMP
Voltage
IO = 6mA
0 to +10
✻
V
Current
VO = 7VDC
+10
✻
mA
Impedance
Closed-Loop
0.1
✻
Ω
Capacitive Load
Without Oscillation
100
✻
pF
POWER SUPPLY
Rated Voltage
±15
✻
V
Voltage Range
±13
±20
✻✻
V
Quiescent Current
±6.5
±7.5
✻✻
mA
TEMPERATURE RANGE
Specification
B and C Grades
–25
+85
✻✻
°C
S Grade
–55
+125
°C
Operating
B and C Grades
–40
+85
✻✻
°C
S Grade
–55
+125
°C
Storage
–65
+150
✻✻
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com