Electronic Components Datasheet Search
  English  ▼

X  

VFC320CM Datasheet(PDF) 5 Page - Texas Instruments

Part # VFC320CM
Description  Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VFC320CM Datasheet(HTML) 5 Page - Texas Instruments

  VFC320CM Datasheet HTML 1Page - Texas Instruments VFC320CM Datasheet HTML 2Page - Texas Instruments VFC320CM Datasheet HTML 3Page - Texas Instruments VFC320CM Datasheet HTML 4Page - Texas Instruments VFC320CM Datasheet HTML 5Page - Texas Instruments VFC320CM Datasheet HTML 6Page - Texas Instruments VFC320CM Datasheet HTML 7Page - Texas Instruments VFC320CM Datasheet HTML 8Page - Texas Instruments VFC320CM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
VFC320
5
SBVS017A
(8)
In the time t1 + t2 the integrator capacitor C2 charges and
discharges but the net voltage change is zero.
Thus
∆Q = 0 = I
IN t1 + (IIN – IA) t2
So that IIN (t1 + t2) = IA t2
But since t1 + t2 =
and IIN =
fOUT =
In the time t1, IB charges the one-shot capacitor C1 until its
voltage reaches –7.5V and trips comparator B.
Thus t2 =
Using
in
yield f
V
RC
I
I
OUT
IN
B
A
()
()
.
76
75
11
=•
Since IA = IB the result is
fOUT =
Since the integrating capacitor, C2, affects both the rising
and falling segments of the ramp voltage, its tolerance and
temperature coefficient do not affect the output frequency. It
should, however, have a leakage current that is small com-
pared to IIN, since this parameter will add directly to the gain
error of the VFC. C1, which controls the one-shot period,
should be very precise since its tolerance and temperature
coefficient add directly to the errors in the transfer function.
begins to ramp down again before the input amplifier has a
chance to saturate. In effect the comparators and flip-flop
form a one-shot whose period is determined by the internal
reference and a 1mA current sink plus the external capacitor,
C1. After the one-shot resets, fOUT changes back to logic 0
and the cycle begins again.
The transfer function for the VFC320 is derived for the
circuit shown in Figure 4. Detailed waveforms are shown in
Figure 5.
fOUT =
1
t
1 + t2
0V
–7.5V
∆V
OUT
t
1
t
2
FIGURE 5. Integrator and VFC Output Timing.
(1)
FIGURE 4. Functional Block Diagram of the VFC320.
f
OUT
V
IN
1
R
1
I
A R2 R2
V
IN
C
IN 7.5
I
B
7.5 R
1 C1
V
IN
(3)
(2)
(4), (5)
(6)
(7)
(9)
Comparators
Flip-
flop
Common
f
OUT
f
IN
One-shot
V
OUT
1
5
411
I
A
I
IN
e
1
e
2
Switch
C
1
One-shot
Capacitor
–V
CC
12
+V
CC
7
Pull-up
Resitor
R
2
10
13
Input
Amp
Constant
Current Sinks
(1mA)
–7.5V
Ref
B
Integrating
Capacitor
R
1
Input Resistor
Q
1
C
2
I
B
A
For Postive Input Voltages use e
1, short e2.
For Negative Input Voltages use e
2, short e1.
For Differental Input Voltages use e
1 and e2.
V
IN:
f
OUT =
V
IN
7.5 R
1 C1
+V
PULL-UP (VPU)
(5V to 15V Typically)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com