Electronic Components Datasheet Search
  English  ▼

X  

HT82-99652 Datasheet(PDF) 1 Page - Bi technologies

Part # HT82-99652
Description  VDSL Coupling Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT82-99652 Datasheet(HTML) 1 Page - Bi technologies

  HT82-99652 Datasheet HTML 1Page - Bi technologies HT82-99652 Datasheet HTML 2Page - Bi technologies HT82-99652 Datasheet HTML 3Page - Bi technologies HT82-99652 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6
6-155
Model HT82 Series
NEW PRODUCT
MODEL HT82 SERIES
VDSL Coupling
Transformers
• Supports industry standard VDSL transceivers
• Excellent total harmonic distortion characteristics
• Meets standard dielectric withstanding voltage requirements
• Available in through hole and surface mount designs with gold plated leadless pads
• Conforms to ANSI, ITU and ETSI standards
• Can be customized to meet unique IC requirements
APPLICATIONS
• VDSL coupling transformer
• Supports 2 to 4 wire connections
• Up to 25.92 Mb/s applications
FEATURES AND BENEFITS
Open
Circuit
Return
Insertion
Longitudinal
Part
Turns Ratio
Inductance (2)
Loss
Loss
Balance
THD (3)
Number
Line-Chip
µH Min.
dB Min.
dB Max.
dB Min.
dB Max.
HT82-99627
1:1
175
10
0.8
40
-70
0.2-11MHz
0.2-11MHz
0.2-11MHz
HT82-99652
Tx 1:1:1
250
22/0.3-1MHz
0.5/0.3-1MHz
30
-70
10/1-30MHz
0.8/1-30MHz
0.3-30MHz
Rx 1:1:1:2ct
-60
HT82-99653
1:1
250
17
0.75
40
-70
0.2-30MHz
0.2-30MHz
0.2-100MHz
ELECTRICAL @ 25°C
(1)
Specifications subject to change without notice.


Similar Part No. - HT82-99652

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
More results

Similar Description - HT82-99652

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
HDSL, HDSL2 Coupling Transformers
HT84 BITECH-HT84 Datasheet
71Kb / 5P
ADSL Coupling Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
General Purpose Coupling Transformers
logo
TALEMA Group. LLC
TGJ-50-6C TALEMA-TGJ-50-6C Datasheet
45Kb / 1P
General Purpose Coupling Transformers
logo
Vishay Siliconix
TA-10-08 VISHAY-TA-10-08 Datasheet
163Kb / 5P
Transformers Audio, elephone Coupling
06-Dec-11
logo
Rhombus Industries Inc.
T-33000 RHOMBUS-IND-T-33000 Datasheet
55Kb / 2P
Modem Coupling & Voiceband Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Coilcraft lnc.
B0233-A COILCRAFT-B0233-A Datasheet
83Kb / 2P
VDSL Transformers
logo
Pulse A Technitrol Comp...
B846 PULSE-B846 Datasheet
473Kb / 1P
VDSL Transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com