Electronic Components Datasheet Search
  English  ▼

X  

SCD5583 Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SCD5583
Description  Serial Input Dot Addressable Intelligent Display
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SCD5583 Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SCD5583 Datasheet HTML 7Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 8Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 9Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 10Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 11Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 12Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 13Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 14Page - Siemens Semiconductor Group SCD5583 Datasheet HTML 15Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2–13
SCD5580/5581/5582/5583/5584
Data contents for the word “Displays” (continued)
Note: If the display is already reset at Power Up, there is no need for Software Clear.
Step
D7
D6
D5
D4
D3
D2
D1
D0
Function
13
1
0
100010
DIGIT D2 SELECT
14
0
0
001111
ROW 0 D2 (S)
15
0
0
110000
ROW 1 D2 (S)
16
0
1
001110
ROW 2 D2 (S)
17
0
1
100001
ROW 3 D2 (S)
18
1
0
011110
ROW 4 D2 (S)
19
1
0
100011
DIGIT D3 SELECT
20
0
0
011110
ROW 0 D3 (P)
21
0
0
110001
ROW 1 D3 (P)
22
0
1
011110
ROW 2 D3 (P)
23
0
1
110000
ROW 3 D3 (P)
24
1
0
010000
ROW 4 D3 (P)
25
1
0
100100
DIGIT D4 SELECT
26
0
0
010000
ROW 0 D4 (L)
27
0
0
110000
ROW 1 D4 (L)
28
0
1
010000
ROW 2 D4 (L)
29
0
1
110000
ROW 3 D4 (L)
30
1
0
011111
ROW 4 D4 (L)
31
1
0
100101
DIGIT D5 SELECT
32
0
0
000100
ROW 0 D5 (A)
33
0
0
101010
ROW 1 D5 (A)
34
0
1
011111
ROW 2 D5 (A)
35
0
1
110001
ROW 3 D5 (A)
36
1
0
010001
ROW 4 D5 (A)
37
1
0
100110
DIGIT D6 SELECT
38
0
0
010001
ROW 0 D6 (Y)
39
0
0
101010
ROW 1 D6 (Y)
40
0
1
000100
ROW 2 D6 (Y)
41
0
1
100100
ROW 3 D6 (Y)
42
1
0
000100
ROW 4 D6 (Y)
43
1
0
100111
DIGIT D7 SELECT
44
0
0
001111
ROW 0 D7 (S)
45
0
0
110000
ROW 1 D7 (S)
46
0
1
001110
ROW 2 D7 (S)
47
0
1
100001
ROW 3 D7 (S)
48
1
0
011110
ROW 4 D7 (S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com