Electronic Components Datasheet Search
  English  ▼

X  

SP8690 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SP8690
Description  200MHz첨8/9/10/11
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP8690 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SP8690 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP8690 Datasheet HTML 2Page - List of Unclassifed Manufacturers SP8690 Datasheet HTML 3Page - List of Unclassifed Manufacturers SP8690 Datasheet HTML 4Page - List of Unclassifed Manufacturers SP8690 Datasheet HTML 5Page - List of Unclassifed Manufacturers SP8690 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SP8690/SP8691
DUT
450
0.1
µ
OUTPUTS TO
SAMPLING
SCOPE
VEE
5
9
8
2
1
16
10n
10n
33
33
20
INPUT FROM
GENERATOR
INPUT
MONITOR
450
0.1
µ
2·4k
0.1
µ
VCC
560
11
312
Q4
Q4
Fig. 8 Test circuit for dynamic measurements
Fig. 9 Typical application showing interfacing.
OPERATING NOTES
1. The clock inputs can be single or differentially driven. The
clock input is biased internally and is coupled to the signal
source with a suitable capacitor. The input signal path is
completed by an input reference decoupling capacitor which
is connected to ground.
2. In the absence of a signal the device will self-oscillate. If
this is undesirable, it may be prevented by connecting a
68k
Ω resistor from the input to V
EE i.e., from pin 1 or pin 16
to pin 12. This reduces the input sensitiviy by approximately
100mV.
3. The circuit will operate down to DC but slew rate must be
better than 100V/
µs.
4. The Q4 and Q4 outputs are compatible with ECLII but can
be interfaced to ECL10K as shown in Fig. 9.
5. The PE inputs are ECLIII/10K compatible and include
internal 10k
Ωpulldown resistors. Unused inputs can therefore
be left open circuit.
6. The input impedance of the SP8690/1 varies as a function
of frequency. See Fig. 7.
7. The TTL/CMOS output is a free collector and the high
state output voltage will depend on the supply that the
collector load is taken to. This should not exceed 12V.
8. The rise/fall time of the open collector output waveform is
directly proportional to load capacitance and load resistor
value. Therefore, load capacitance should be minimised
and the load resistor kept to a minimum consistent with
system power requirements. In the test configuration of Fig.
8 the output rise time is approximately 10ns and the fall time
DIVIDE BY
10/11 (SP8690)
8/9 (SP8691)
9
8
3k
3k
10k
10k
23
8
1
16
5
BIAS
ECL10K
OUTPUT
3k
68k
10n
TTL
CONTROL INPUT
(SEE TRUTH TABLES,
FIGS. 4 AND 5)
10n
3k
91
O/C
CLOCK
INPUT
11
TTL
OUTPUT
3·6k
1·5k
560
VCC
VEE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com