Electronic Components Datasheet Search
  English  ▼

X  

8ETH06 Datasheet(PDF) 1 Page - International Rectifier

Part # 8ETH06
Description  Hyperfast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH06 Datasheet(HTML) 1 Page - International Rectifier

  8ETH06 Datasheet HTML 1Page - International Rectifier 8ETH06 Datasheet HTML 2Page - International Rectifier 8ETH06 Datasheet HTML 3Page - International Rectifier 8ETH06 Datasheet HTML 4Page - International Rectifier 8ETH06 Datasheet HTML 5Page - International Rectifier 8ETH06 Datasheet HTML 6Page - International Rectifier 8ETH06 Datasheet HTML 7Page - International Rectifier 8ETH06 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Bulletin PD-20884 rev. A 10/06
trr = 18ns typ.
IF(AV) = 8Amp
VR = 600V
• Hyperfast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°COperatingJunctionTemperature
• 2500V insulation voltage
• ULE78996approved
• Lead-Free("PbF")
Features
Description/ Applications
Hyperfast Rectifier
State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast
recover time, and soft recovery.
The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and
reliability characteristics.
These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling
diodes.
The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
www.irf.com
8ETH06PbF
8ETH06FPPbF
8ETH06PbF
TO-220AC
Case Styles
Anode
1
3
Cathode
Base
Cathode
2
8ETH06FPPbF
TO-220 FULLPACK
Anode
1
3
Cathode
Absolute Maximum Ratings
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
AverageRectifiedForwardCurrent @ TC = 144°C
8
A
@ TC = 108°C (FULLPACK)
IFSM
Non Repetitive Peak Surge Current @ TJ = 25°C
90
(FULLPACK)
100
IFM
Peak Repetitive Forward Current
16
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units


Similar Part No. - 8ETH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETH06 IRF-8ETH06 Datasheet
206Kb / 9P
Hyperfast Rectifier
logo
Vishay Siliconix
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
23-Jun-08
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
Hyperfast Rectifier, 8 A FRED PtTM
08-Apr-08
logo
International Rectifier
8ETH06 IRF-8ETH06 Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
logo
Inchange Semiconductor ...
8ETH06 ISC-8ETH06 Datasheet
240Kb / 2P
Ultrafast Rectifier
More results

Similar Description - 8ETH06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com