Electronic Components Datasheet Search
  English  ▼

X  

8ETH06FP Datasheet(PDF) 8 Page - International Rectifier

Part # 8ETH06FP
Description  Hyperfast Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETH06FP Datasheet(HTML) 8 Page - International Rectifier

  8ETH06FP Datasheet HTML 1Page - International Rectifier 8ETH06FP Datasheet HTML 2Page - International Rectifier 8ETH06FP Datasheet HTML 3Page - International Rectifier 8ETH06FP Datasheet HTML 4Page - International Rectifier 8ETH06FP Datasheet HTML 5Page - International Rectifier 8ETH06FP Datasheet HTML 6Page - International Rectifier 8ETH06FP Datasheet HTML 7Page - International Rectifier 8ETH06FP Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8ETH06PbF, 8ETH06FPPbF
Bulletin PD-20884 rev. A 10/06
www.irf.com
IR WORLD HEADQUARTERS:
233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 10/06
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (8 = 8A)
2
-
E
= Single Diode
3
-
T
= TO-220, D2Pak
4
-
H
= HyperFast Recovery
5
-
Voltage Rating (06 = 600V)
6
-
none = TO-220AC
FP
= TO-220 FULLPACK
7
-
none = Standard Production
PbF = Lead-Free
Tube Standard Pack Quantity: 50 pieces
8
E
T
H
06
FP
PbF
6
7
Part Marking Information (TO-220 FULL-PAK)
INTERNATIONAL
RECTIFIER
LOGO
ASSEMBLY
LOT CODE
EXAMPLE:
IN THE ASSEMBLY LINE "C"
ASSEMBLED ON WW 19, 2002
LOT CODE 1789
PART NUMBER
P = Lead-Free
FP = Fullpack
DATE CODE
YEAR = 2002
WEEK 19
THIS IS A 8ETH06FP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com