Electronic Components Datasheet Search
  English  ▼

X  

UG8J Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UG8J
Description  EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG8J Datasheet(HTML) 2 Page - Unisonic Technologies

  UG8J Datasheet HTML 1Page - Unisonic Technologies UG8J Datasheet HTML 2Page - Unisonic Technologies UG8J Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG8J
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R222-002,A
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
30
Input Voltage
VIN
-5
V
IOUT
100
Output Current
IC(MAX)
100
mA
Total Power Dissipation
PD
150 (Note1)
mW
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. *120mW per element must not be exceeded.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
VI(OFF)
VCC=5V, IOUT=100µA
0.5
Input Voltage
VI(ON)
VOUT=0.3V, IOUT=5mA
1.3
V
Output Voltage
VO(ON)
IOUT=5mA, IIN=0.25mA
0.1
0.3
V
Input Current
IIN
VIN=5V
1.8
mA
Output Current
IO(OFF)
VCC=50V, VIN=0V
0.5
µA
DC Current Gain
GI
VOUT=5V, IOUT=10mA
80
Transition Frequency
fT
VCE=10V, IE=-5mA, f=100MHz*
250
MHz
Input Resistance
R1
3.29
4.7 6.11
KΩ
Resistance Ratio
R2/R1
8
10
12
Note * Transition frequency of the device.
EQUIVALENT CIRCUIT (The following characteristic apply to both DTr1 and DTr2)
R1
R2
R2
R1
(3)
(2)
(1)
DTr2
(4)
(5)
DTr1
R1=4.7kΩ
R2=4.7kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com