Electronic Components Datasheet Search
  English  ▼

X  

E3F2 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3F2
Description  M18 Cylindrical Photoelectric
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3F2 Datasheet HTML 6Page - Omron Electronics LLC E3F2 Datasheet HTML 7Page - Omron Electronics LLC E3F2 Datasheet HTML 8Page - Omron Electronics LLC E3F2 Datasheet HTML 9Page - Omron Electronics LLC E3F2 Datasheet HTML 10Page - Omron Electronics LLC E3F2 Datasheet HTML 11Page - Omron Electronics LLC E3F2 Datasheet HTML 12Page - Omron Electronics LLC E3F2 Datasheet HTML 13Page - Omron Electronics LLC E3F2 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
E3F2
E3F2
13
Y92E-B18 Mounting Bracket
E39-F31 Lens Cap
Note:
Hexagonal nut: M5 x 32
Material: plastic
32
±0.2
(1.26
±0.008)
17 (0.67) max.
7 (0.28)
30
(1.18)
47 (1.85) max.
20 (0.79) dia.
4 (0.16) max.
Metal rim
Gasket
E3F2
Glass plate
18 (0.71)
dia.
J OPTIONAL CONNECTOR CABLES
Viewed from
pinside of
connector
Straight Connector Cable
Terminals/Connections
Connector
Cable
Brown Pin 1
)VDC
Black Pin 4 Output
Blue Pin 3 0V
Note: Water tightness with connector is only valid when authorized connections are
used. Cordset wire colors are shown in parentheses.
Assembly Directions
Insert the M12 threaded end of the
sensor into socket of connector so
that the notch correctly aligns the
pins. Tighten the coupling nut by
hand, not using a tool, until all the
threads on the rear of the sensor
are covered. This assures a posi-
tive connection, important for instal-
lations with vibration.
Right Angle Connector Cable
22 AWG, PVC jacketed cable rated for 300 V, 90
°C:
2 m (6.56 ft) length for Y96E-44SD2
5 m (16.40 ft) length for Y96E-44SD5
10 m (32.81 ft) length for Y96E-44SD10
22 AWG, PVC jacketed cable rated for 300 V, 90
°C:
2 m (6.56 ft) length for Y96E-44RD2
5 m (16.40 ft) length for Y96E-44RD5
10 m (32.81 ft) length for Y96E-44RD10
Silver-plated
copper contacts
Aluminum
coupling nut
14.67
(0.58)
26.65
(1.05)
Note: Cable may be extended to a maximum of 200 m (656 ft.)
14.67
(0.58)
34.92
(1.37)
Silver-plated
copper contacts
Aluminum
coupling nut
Pink (White) Pin 2
Mode Selection
1
2
3
4
1
3
max. 100 mA
10–30 VDC
to
Light-ON
to
Dark-ON
Pin configuration NPN
1
2
3
4
1
3
max. 100 mA
10–30 VDC
to
Light-ON
to
Dark-ON
Pin configuration PNP
Y96E-44SD
j
Y96E-44RD
j
Viewed from
pinside of
connector
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com