Electronic Components Datasheet Search
  English  ▼

X  

SC2450 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC2450
Description  BI-Phase/Dual Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2450 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC2450 Datasheet HTML 12Page - Semtech Corporation SC2450 Datasheet HTML 13Page - Semtech Corporation SC2450 Datasheet HTML 14Page - Semtech Corporation SC2450 Datasheet HTML 15Page - Semtech Corporation SC2450 Datasheet HTML 16Page - Semtech Corporation SC2450 Datasheet HTML 17Page - Semtech Corporation SC2450 Datasheet HTML 18Page - Semtech Corporation SC2450 Datasheet HTML 19Page - Semtech Corporation SC2450 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2450
Control Loop Design (Cont.)
Step 1. Output filter corner frequency
F
o
= 1.453 KHz
Step 2. ESR zero frequency:
F
esr
= 2.653 KHz
Step 3. Check the following condition:
Which is satisfied in this case.
Step 4. Choose crossover frequency and calculate compen-
sator R:
F
x_over
= 30 KHz
R = 2.95 K
Ω
Step 5. Calculate the compensator C:
C = 186 nF
Step 6. Generate Bode plot and check the phase margin. In
this case, the phase margin is about 85°C that ensures the
loop stability. Fig. 2 shows the bode plot of the loop.
or
when
(5) The compensation capacitor is determined by choosing the
compensator zero to be about one fifth of the output filter cor-
ner frequency:
(6) The final step is to generate the Bode plot, either by using
the simulation model in Fig. 1 or using the equations provided
here with Mathcad. The phase margin can then be checked
using the Bode plot. Usually, this design procedure ensures a
healthy phase margin.
An example is given below to demonstrate the procedure intro-
duced above. The parameters of the power supply are given
as:
R
1
G pwm V in
.
G error
.
F o
F esr
2
.
F x_over
F o
.
V o
V bg
.
F zero
F o
5
C
1
2
π
. R
. F
zero
.
F esr F o
<
F x_over
<
F ers
F sw
5
<
V
in
:= 24 V
V
o
:= 2.5 V
I
o
:= 20 A
F
sw
:= 150 KHz
L := 4
µH
C
o
:= 3000
µF
R
c
:= 0.02
Ω
R
1
:= 1.5 K
Ω
R
2
:= 1.0 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com