Electronic Components Datasheet Search
  English  ▼

X  

COM20020D Datasheet(PDF) 51 Page - SMSC Corporation

Part # COM20020D
Description  ULANC Revision D Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020D Datasheet(HTML) 51 Page - SMSC Corporation

Back Button COM20020D Datasheet HTML 47Page - SMSC Corporation COM20020D Datasheet HTML 48Page - SMSC Corporation COM20020D Datasheet HTML 49Page - SMSC Corporation COM20020D Datasheet HTML 50Page - SMSC Corporation COM20020D Datasheet HTML 51Page - SMSC Corporation COM20020D Datasheet HTML 52Page - SMSC Corporation COM20020D Datasheet HTML 53Page - SMSC Corporation COM20020D Datasheet HTML 54Page - SMSC Corporation COM20020D Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
51
CAPACITANCE (TA = 25
°C; fC = 1MHz; VDD = 0V)
Output and I/O pins capacitive load specified as follows:
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Input Capacitance
CIN
5.0
pF
Output Capacitance 1
(All outputs except
XTAL2, nPULSE1 in
Push/Pull Mode)
Output Capacitance 2
(nPULSE1, in BackPlane
Mode Only - Open
Drain)
COUT1
COUT2
45
400
pF
pF
Maximum
Capacitive Load
which can be
supported by each
output.
0.4V
AC Measurements are taken at the following points:
Inputs:
2.4V
1.4V
50%
50%
0.4V
2.4V
1.4V
0.8V
Outputs:
2.0V
0.8V
2.0V
Inputs are driven at 2.4V for logic "1" and 0.4 V for logic "0" except XTAL1 pin.
Outputs are measured at 2.0V min. for logic "1" and 0.8V max. for logic "0".
t
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com