Electronic Components Datasheet Search
  English  ▼

X  

LTC3407 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3407
Description  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3407 Datasheet HTML 8Page - Linear Technology LTC3407 Datasheet HTML 9Page - Linear Technology LTC3407 Datasheet HTML 10Page - Linear Technology LTC3407 Datasheet HTML 11Page - Linear Technology LTC3407 Datasheet HTML 12Page - Linear Technology LTC3407 Datasheet HTML 13Page - Linear Technology LTC3407 Datasheet HTML 14Page - Linear Technology LTC3407 Datasheet HTML 15Page - Linear Technology LTC3407 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3407
14
sn3407 3407fs
TYPICAL APPLICATIO S
RUN2
VIN
VIN = 3.6V
TO 5.5V
VOUT2 = 3.3V
AT 600mA
VOUT1 = 1.8V
AT 600mA
RUN1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407
C1
10µF
R5
100k
POWER-ON
RESET
C4, 22pF
C5, 22pF
L1
2.2µH
L2
4.7µH
R4
887k
R2
604k
R1
301k
R3
196k
C3
10µF
C2
10µF
3407 TA07
C1, C2, C3: TAIYO YUDEN JMK316BJ106ML
L1: MURATA LQH32CN2R2M33
L2: MURATA LQH32CN4R7M11
2mm Height Core Supply
Efficiency vs Load Current
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3407 TA08
3.3V
1.8V
VIN = 5V Burst Mode OPERATION
NO LOAD ON OTHER CHANNEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com