Electronic Components Datasheet Search
  English  ▼

X  

BU1706AB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU1706AB
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU1706AB Datasheet(HTML) 3 Page - NXP Semiconductors

  BU1706AB Datasheet HTML 1Page - NXP Semiconductors BU1706AB Datasheet HTML 2Page - NXP Semiconductors BU1706AB Datasheet HTML 3Page - NXP Semiconductors BU1706AB Datasheet HTML 4Page - NXP Semiconductors BU1706AB Datasheet HTML 5Page - NXP Semiconductors BU1706AB Datasheet HTML 6Page - NXP Semiconductors BU1706AB Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1706AB
Fig.3. Test circuit resistive load. V
IM = -6 to +8 V
V
CC = 250 V; tp = 20 µs; δ = tp / T = 0.01.
R
B and RL calculated from ICon and IBon requirements.
Fig.4. Switching times waveforms with resistive load.
Fig.5. Test circuit inductive load.
V
CC = 300 V; -VBE = 5 V; LB = 1 uH
Fig.6. Test Circuit RBSOA.
V
CC = 150 V; -VBB = 5 V; LC = 2 mH; VCL ≤ 1500 V;
L
B = 1 µH
Fig.7. Switching times waveforms with inductive load.
Fig.8. Normalised power dissipation.
PD% = 100
⋅PD/PD
25 ˚C = f (Tmb)
tp
T
VCC
R
R
T.U.T.
0
VIM
B
L
LB
IBon
-VBB
LC
T.U.T.
VCC
VCL
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
IBon
-IBoff
ICon
tr
30ns
IC
IB
ICon
IBon
-IBoff
t
t
ts
tf
toff
10 %
90 %
LB
IBon
-VBB
LC
T.U.T.
VCC
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
February 1998
3
Rev 1.000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com