Electronic Components Datasheet Search
  English  ▼

X  

74HC2G86DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC2G86DP
Description  Dual 2-input EXCLUSIVE-OR gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G86DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC2G86DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC2G86DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
74HC2G86; 74HCT2G86
Dual 2-input EXCLUSIVE-OR gate
12. Package outline
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
w
y
v
c
e
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.00
0.95
0.75
0.38
0.22
0.18
0.08
3.1
2.9
3.1
2.9
0.65
4.1
3.9
0.70
0.35
8°
0°
0.13
0.1
0.2
0.5
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.47
0.33
SOT505-2
- - -
02-01-16
w M
bp
D
Z
e
0.25
1
4
8
5
θ
A2
A1
Lp
(A3)
detail X
A
L
HE
E
c
v M A
X
A
y
2.5
5 mm
0
scale
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm SOT505-2
1.1
pin 1 index
Fig. 7. Package outline SOT505-2 (TSSOP8)
74HC_HCT2G86
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 5 — 18 December 2018
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com