Electronic Components Datasheet Search
  English  ▼

X  

74HC3G06DC Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC3G06DC
Description  Triple inverter with open-drain outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC3G06DC Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC3G06DC Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC3G06DC Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
74HC3G06; 74HCT3G06
Triple inverter with open-drain outputs
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
VI = VIH or VIL
IO = 20 μA; VCC = 2.0 V
-
0
0.1
-
0.1
V
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
V
IO = 20 μA; VCC = 6.0 V
-
0
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
VOL
LOW-level output
voltage
IO = 5.2 mA; VCC = 6.0 V
-
0.16
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 6.0 V
-
-
±0.1
-
±1.0
μA
ILO
output leakage
current
VI = VIL; VO = VCC or GND
-
-
±5.0
-
±10
μA
ICC
supply current
per input pin; VCC = 6.0 V;
VI = VCC or GND; IO = 0 A
-
-
10
-
20
μA
CI
input capacitance
-
1.5
-
-
-
pF
74HCT3G06
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
V
VI = VIH or VIL
IO = 20 μA; VCC = 4.5 V
-
0
0.1
-
0.1
V
VOL
LOW-level output
voltage
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND; VCC = 5.5 V
-
-
±1.0
-
±1.0
μA
ILO
output leakage
current
VI = VIL; VO = VCC or GND
-
-
±5.0
-
±10
μA
ICC
supply current
per input pin; VCC = 5.5 V;
VI = VCC or GND; IO = 0 A
-
-
10
-
20
μA
ΔICC
additional supply
current
per input; VCC = 4.5 V to 5.5 V;
VI = VCC - 2.1 V; IO = 0 A
-
-
375
-
410
μA
CI
input capacitance
-
1.5
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C.
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); all typical values are measured at Tamb = 25 °C; for test circuit see Fig. 6.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Unit
74HC3G06
nA to nY; see Fig. 5
VCC = 2.0 V
-
22
95
-
125
ns
VCC = 4.5 V
-
9
18
-
25
ns
tPZL
OFF-state to LOW
propagation delay
VCC = 6.0 V
-
8
16
-
20
ns
74HC_HCT3G06
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 5 — 1 May 2019
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com