Electronic Components Datasheet Search
  English  ▼

X  

CLC031A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC031A
Description  SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC031A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC031A Datasheet HTML 4Page - National Semiconductor (TI) CLC031A Datasheet HTML 5Page - National Semiconductor (TI) CLC031A Datasheet HTML 6Page - National Semiconductor (TI) CLC031A Datasheet HTML 7Page - National Semiconductor (TI) CLC031A Datasheet HTML 8Page - National Semiconductor (TI) CLC031A Datasheet HTML 9Page - National Semiconductor (TI) CLC031A Datasheet HTML 10Page - National Semiconductor (TI) CLC031A Datasheet HTML 11Page - National Semiconductor (TI) CLC031A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AC Electrical Characteristics (Continued)
Note 2: Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are referenced to VSSIO =VSSD =
VSSSI =0V.
Note 3: Typical values are stated for VDDIO =VDDSI = +3.3V, VDDD =VDDPLL = +2.5V and TA = +25˚C.
Note 4: Spec. is guaranteed by design.
Note 5: Measured from rising-edge of first SDI cycle until Lock Detect bit goes high (true). Lock time includes CDR phase acquisition time plus PLL lock time.
Note 6: VOHV and VOLP are measured with respect to reference ground. VOLP is the peak output LOW voltage or ground bounce that may occur under dynamic
simultaneous output switching conditions. VOHV is the lowest output HIGH voltage or output droop that may occur under dynamic simultaneous output switching
conditions.
Note 7: When used to clock control data into or from the CLC031A, the duty cycle restriction does not apply.
Note 8: IIH includes static current required by input pull-down devices.
Note 9: Required Input Conditions are the electrical signal conditions or component values which shall be supplied by the circuit in which this device is used in order
for it to produce the specified DC and AC electrical output characteristics.
Note 10: Functional and certain other parametric tests utilize a CLC030 as the input source to the SDI inputs of the CLC031A. The CLC030 is DC coupled to the
inputs of the CLC031A. Typical VIN = 800 mV, VCM = 2.9 V.
Test Loads
20020104
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com