Electronic Components Datasheet Search
  English  ▼

X  

BU2507AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2507AF
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2507AF Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2507AF Datasheet HTML 1Page - NXP Semiconductors BU2507AF Datasheet HTML 2Page - NXP Semiconductors BU2507AF Datasheet HTML 3Page - NXP Semiconductors BU2507AF Datasheet HTML 4Page - NXP Semiconductors BU2507AF Datasheet HTML 5Page - NXP Semiconductors BU2507AF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507AF
Fig.7. Typical base-emitter saturation voltage.
V
BEsat = f (IB); parameter IC
Fig.8. Typical losses.
P
TOT = f (IB); IC = 4 A; f = 16 kHz
Fig.9. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); IC = 4.0 A; Tj = 85˚C; f = 16 kHz
Fig.10. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Tmb)
Fig.11. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
0
0.5
1
1.5
2
0.6
0.7
0.8
0.9
1
1.1
1.2
IB / A
VBEsat / V
Ths = 25 C
Ths = 85 C
BU2507AF/AX
IC = 4 A
IC = 3 A
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
BU2507AF/DF/AX/DX
0
0.5
1
1.5
2
0.1
1
IB / A
Ptot / W
10
Ths = 25 C
Ths = 85 C
1E-06
1E-4
10E-2
1E+00
0.001
0.01
0.1
1
10
BU2507AF/X/DF/X
t / s
Zth / K/W
D =
tp
tp
T
T
P
t
D
D = 0
0.02
0.05
0.1
0.2
0.5
0
0.5
1
1.5
2
0
2
4
6
8
10
BU2507AF/AX/Df/DX85ts/tf
IB / A
ts/tf/ us
September 1997
4
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com