Electronic Components Datasheet Search
  English  ▼

X  

CD54HC573 Datasheet(PDF) 1 Page - Harris Corporation

Part # CD54HC573
Description  High Speed CMOS Logic Octal Transparent Latch, Three-State Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD54HC573 Datasheet(HTML) 1 Page - Harris Corporation

  CD54HC573 Datasheet HTML 1Page - Harris Corporation CD54HC573 Datasheet HTML 2Page - Harris Corporation CD54HC573 Datasheet HTML 3Page - Harris Corporation CD54HC573 Datasheet HTML 4Page - Harris Corporation CD54HC573 Datasheet HTML 5Page - Harris Corporation CD54HC573 Datasheet HTML 6Page - Harris Corporation CD54HC573 Datasheet HTML 7Page - Harris Corporation CD54HC573 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SEMICONDUCT OR
1
Features
• Common Latch Enable Control
• Common Three-State Output Enable Control
• Buffered Inputs
• Three-State Outputs
• Bus Line Driving Capacity
• Typical Propagation Delay = 12ns at VCC = 5V,
CL = 15pF, TA = 25
oC (Data to Output for HC373)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
Harris
CD74HC373,
CD74HCT373,
CD54HC573,
CD74HC573, and CD74HCT573 are high speed Octal Trans-
parent Latches manufactured with silicon gate CMOS technol-
ogy. They possess the low power consumption of standard
CMOS integrated circuits, as well as the ability to drive 15
LSTTL devices. The CD74HCT373 and CD74HCT573 are
functionally as well as pin compatible with the standard
74LS373 and 74LS573.
The outputs are transparent to the inputs when the latch
enable (LE) is high. When the latch enable (LE) goes low the
data is latched. The output enable (OE) controls the three-
state outputs. When the output enable (OE) is high the
outputs are in the high impedance state. The latch operation
is independent to the state of the output enable. The 373 and
573 are identical in function and differ only in their pinout
arrangements.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD54HC573F
-55 to 125
20 Ld CERDIP
F20.3
CD74HC373E
-55 to 125
20 Ld PDIP
F20.3
CD74HCT373E
-55 to 125
20 Ld PDIP
E20.3
CD74HC573E
-55 to 125
20 Ld PDIP
E20.3
CD74HCT573E
-55 to 125
20 Ld PDIP
E20.3
CD74HC373M
-55 to 125
20 Ld SOIC
M20.3
CD74HCT373M
-55 to 125
20 Ld SOIC
M20.3
CD74HC573M
-55 to 125
20 Ld SOIC
M20.3
CD74HCT573M
-55 to 125
20 Ld SOIC
M20.3
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer or die for this part number are available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
November 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC373, CD74HCT373,
CD54HC573, CD74HC573,
CD74HCT573
High Speed CMOS Logic
Octal Transparent Latch, Three-State Output
File Number
1679.1


Similar Part No. - CD54HC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC573 TI-CD54HC573 Datasheet
53Kb / 9P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
CD54HC573 TI1-CD54HC573 Datasheet
901Kb / 15P
OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI2-CD54HC573 Datasheet
1Mb / 21P
CDx4HC573 Octal Transparent D-Type Latches With 3-State Outputs
REVISED MAY 2022
CD54HC573-MIL TI1-CD54HC573-MIL Datasheet
901Kb / 15P
OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573F TI-CD54HC573F Datasheet
53Kb / 9P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
More results

Similar Description - CD54HC573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
logo
Texas Instruments
CD54HC533 TI-CD54HC533 Datasheet
282Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_07 Datasheet
286Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com