Electronic Components Datasheet Search
  English  ▼

X  

HT9201B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT9201B
Description  Simple Tone Dialer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9201B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT9201B Datasheet HTML 1Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 2Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 3Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 4Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 5Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 6Page - Holtek Semiconductor Inc HT9201B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Timing Diagrams
Functional Description
Keyboard matrix
C1~C4 and R1~R4 form a keyboard matrix. The
keyboard arrangement for each of the HT9201
series are shown in the Keyboard Information.
Tone frequency
Tone
Name
Output
Frequency (Hz)
% Error
Specified
Actual
R1
697
699
+0.29%
R2
770
766
–0.52%
R3
852
847
–0.59%
R4
941
948
+0.74%
C1
1209
1215
+0.50%
C2
1336
1332
–0.30%
C3
1477
1472
–0.34%
C4
1633
1645
+0.73%
Note: % Error does not contain the crystal frequency
drift
Key definition
• 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, ∗, #, A, B, C, D keys
These are the dialing number input keys for
normal operation.
• F1, F2, F3, F4
The flash keys can be selected with different
flash times as shown in the following table.
Flash time selection table
Key
Flash Time (ms)
F1
600
F2
300
F3
200
F4
90
Keyboard operation
HT9201A/B
5
3rd Dec ’97



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com