Electronic Components Datasheet Search
  English  ▼

X  

6411331 Datasheet(PDF) 2 Page - FIBOX Enclosing innovations

Part # 6411331
Description  UL Enclosure, PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

6411331 Datasheet(HTML) 2 Page - FIBOX Enclosing innovations

  6411331 Datasheet HTML 1Page - FIBOX Enclosing innovations 6411331 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions :
Height
Width
Depth
mm :
100
100
60
inch :
3.94
3.94
2.36
Materials :
Material :
Polycarbonate
Base colour :
RAL_7035
Cover colour :
RAL 7035 -light grey
Gasket material :
Polyurethane
Temperatures :
Temperature °C (short term) :
-40 … 120
Temperature °C (continuous) :
-40 … 80
Temperature °F (short term) :
-40 … 250
Temperature °F (continuous) :
-40 … 175
Ratings :
Ingress protection (EN 60529):
IP66; IP67;
Impact Resistance (EN 62262):
IK08;
electrical_insulation :
Totally insulated
Halogen free (DIN/VDE 0472, Part 815) :
Yes
UV resistance :
UL 508
Flammability Rating :
UL 746C 5"
Glow Wire Test (IEC 695-2-1) °C :
960C
NEMA Class
NEMA__1_4_4X_6
Certificates :
Certificate FI 40847
© Fibox Oy, Data subject to change without notice (printed: 21.08.2023)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com