Electronic Components Datasheet Search
  English  ▼

X  

LT4.5MB Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # LT4.5MB
Description  CERAMIC FILTER (MHz band, 3pins)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

LT4.5MB Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  LT4.5MB Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LT / LTS
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 1: Jul. 2014
CERAMIC FILTER (MHz band, 3pins)
FEATURES:
LOW SPURIOUS TYPE
4.5 / 5.5 / 6.0 / 6.5 MHz ARE AVAILABLE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ PACKAGE DIMENSIONS
PART NUMBER
3dB BAND WIDTH
(kHz)
20dB BAND WIDTH
(kHz) MAX.
INSERTION LOSS
(dB) MAX.
SPURIOUS RESPONSE
(dB) MIN.
INPUT/OUTPUT
IMPEDANCE(Ω)
LTS4.5MCB
± 60 (± 100)
600 (470)
6 (3.2)
30 (0~4.5MHz)
1000
LTS5.5MCB
± 60 (± 115)
600 (500)
6 (3.6)
30 (0~5.5MHz)
600
LTS6.0MCB
± 60 (± 115)
600 (500)
6 (4.0)
30 (0~6.0MHz)
470
LTS6.5MCB
± 70 (± 115)
650 (530)
6 (3.6)
30 (0~6.5MHz)
470
LTS4.5MDB
± 70 (± 130)
750 (520)
6 (3.0)
30 (0~4.5MHz)
1000
LTS5.5MDB
± 80 (± 150)
750 (640)
6 (3.0)
30 (0~5.5MHz)
600
LTS6.0MDB
± 80 (± 155)
750 (640)
6 (3.8)
30 (0~6.0MHz)
470
LTS6.5MDB
± 80 (± 150)
800 (640)
6 (3.4)
30 (0~6.5MHz)
470
LT4.5MB
± 60 (± 105)
530 (420)
6 (4)
20 (within 4.5+ 0.8/-1.0MHz)
1000
LT5.5MB
± 75 (± 120)
550 (470)
6 (3)
25 (within 5.5+ 1.0MHz)
600
LT6.0MB
± 80 (± 130)
600 (500)
6 (2.5)
25 (within 6.0+ 1.0MHz)
470
LT6.5MB
± 80 (± 130)
630 (530)
6 (2.5)
25 (within 6.5+ 1.0MHz)
30 (within 6.5+ 1.0MHz)
470
LTS
10.0Max
2.5±0.2
2.5±0.2
F4.5C
4.0Max
(1)
(2)
(3)
(1) INPUT
(2) GROUND
(3) OUTPUT
Unit: mm
(1) INPUT
(2) GROUND
(3) OUTPUT
Unit: mm
LT


Similar Part No. - LT4.5MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT4.5MB ETC2-LT4.5MB Datasheet
140Kb / 1P
CERAMIC FOR FILTER TV/VTR
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
LT4.5MBP TOKEN-LT4.5MBP Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
More results

Similar Description - LT4.5MB

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
ZTA VANLONG-ZTA Datasheet
36Kb / 1P
MHz-Band Ceramic Resonator
ZTAC VANLONG-ZTAC Datasheet
37Kb / 1P
MHz-Band Ceramic Resonator
ZTT VANLONG-ZTT Datasheet
38Kb / 1P
MHz-Band Ceramic Resonator
ZTTC VANLONG-ZTTC Datasheet
41Kb / 1P
MHz-Band Ceramic Resonator
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
logo
Transko Electronics, In...
8ZTT TRANSKO-8ZTT Datasheet
405Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014
10.7M TRANSKO-10.7M Datasheet
375Kb / 1P
CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
LT450_455U TRANSKO-LT450_455U Datasheet
284Kb / 2P
CERAMIC FILTER (3pins)
Rev 3: 02-10-2023
LTT TRANSKO-LTT Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
XTM TRANSKO-XTM Datasheet
368Kb / 1P
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com