Electronic Components Datasheet Search
  English  ▼

X  

CMS-20103-078SP Datasheet(PDF) 1 Page - CUI Devices

Part # CMS-20103-078SP
Description  SPEAKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMS-20103-078SP Datasheet(HTML) 1 Page - CUI Devices

  CMS-20103-078SP Datasheet HTML 1Page - CUI Devices CMS-20103-078SP Datasheet HTML 2Page - CUI Devices CMS-20103-078SP Datasheet HTML 3Page - CUI Devices CMS-20103-078SP Datasheet HTML 4Page - CUI Devices CMS-20103-078SP Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
MODEL: CMS-20103-078SP | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 8 ohm rated impedance
• 0.7 W rated power
• 500 Hz resonance frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
max power: IEC-60268-5, filter 60 seconds on, 120 sec-
onds off, 10 cycles (room temp)
0.7
1.0
W
impedance
at 2.0 kHz
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V, in free air
440
550
660
Hz
frequency response
Fo
20,000
Hz
sound pressure level
at 0.7 W, 10 cm, avg at 1.0 kHz in 1 cc closed box
87
90
93
dB
distortion
at 1.0 kHz, rated power, 0.1 m, in 1 cc closed box
10
%
buzz, rattle, etc.
must be normal at sine wave, Fo~10 kHz, in 1 cc closed
box
2.36
V
polarity
cone moves forward w/ positive dc current to “+” terminal
dimensions
20.0 x 10.0 x 3.0
mm
magnet
Nd-Fe-B
frame material
PPA
cone material
PEEK
terminal
solder pads
weight
1.7
g
operating temperature
-30
70
°C
storage temperature
-40
80
°C
hand soldering
for maximum 3 seconds
370
380
390
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page


Similar Part No. - CMS-20103-078SP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS-20103-078SP CUI-CMS-20103-078SP Datasheet
347Kb / 5P
SPEAKER
01/04/2021
More results

Similar Description - CMS-20103-078SP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com