Electronic Components Datasheet Search
  English  ▼

X  

UPC1060C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1060C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1060C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1060C Datasheet HTML 1Page - Renesas Technology Corp UPC1060C Datasheet HTML 2Page - Renesas Technology Corp UPC1060C Datasheet HTML 3Page - Renesas Technology Corp UPC1060C Datasheet HTML 4Page - Renesas Technology Corp UPC1060C Datasheet HTML 5Page - Renesas Technology Corp UPC1060C Datasheet HTML 6Page - Renesas Technology Corp UPC1060C Datasheet HTML 7Page - Renesas Technology Corp UPC1060C Datasheet HTML 8Page - Renesas Technology Corp UPC1060C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµ PC1060
2.5 V HIGH PRECISION REFERENCE VOLTAGE CIRCUIT
DATA SHEET
Document No. G14607EJ4V0DS00 (4th edition)
(Previous No. IC-1537)
Date Published March 2000 NS CP (K)
Printed in Japan
The mark
shows major revised points.
DESCRIPTION
The
µ PC1060 are high accuracy and low drift voltage references of 2.5 V output voltage.
This IC can operate under wide range input voltage, and applied for 8 to 12 bits D/A converters.
FEATURES
PIN CONFIGURATION
• High Accuracy
• Low Temperature Coefficient
• Low Supply Current
• Wide Supply Voltage Range
• Low Load Regulation
VO = 2.5 V
± 1 %
∆ VO/∆ T ≤ 40 ppm/°C
ICC
≤ 1.5 mA
4.5 V
≤ VIN ≤ 40 V
REGL
≤ 10 mV
1
INPUT
OUTPUT
GND
NC
NC
NC
NC
NC
PC1060C
µ
8-pin plastic DIP (7.62 mm (300))
2
3
4
8
7
6
5
ORDERING INFORMATION
Part Number
Package
µ PC1060C
8-pin plastic DIP (7.62 mm (300))
EQUIVALENT CIRCUIT
INPUT
OUTPUT
R5
Q16
Q13
Q6
Q11
Q1
Q9
Q2
Q8
Q12
Q4
Q7
Q14
Q3
Q10
Q15
R11
C1
R1
R18
R17
R16
R15
R14
R2
R4
R6
R12
R13
R7
R8
R9
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com