Electronic Components Datasheet Search
  English  ▼

X  

UPC358G2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC358G2
Description  Single Power Supply Dual Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358G2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC358G2 Datasheet HTML 1Page - Renesas Technology Corp UPC358G2 Datasheet HTML 2Page - Renesas Technology Corp UPC358G2 Datasheet HTML 3Page - Renesas Technology Corp UPC358G2 Datasheet HTML 4Page - Renesas Technology Corp UPC358G2 Datasheet HTML 5Page - Renesas Technology Corp UPC358G2 Datasheet HTML 6Page - Renesas Technology Corp UPC358G2 Datasheet HTML 7Page - Renesas Technology Corp UPC358G2 Datasheet HTML 8Page - Renesas Technology Corp UPC358G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R03DS0144EJ0100 Rev.1.00
Page 1 of 11
2019.1.17
Datasheet
μPC1251, μPC358
Single Power Supply Dual Operational Amplifiers
DESCRIPTION
μPC1251, μ PC358 are dual operational amplifiers designed to operate on a single power supply. The features
include low-voltage operation, a common-mode input voltage that range from V− (GND) level, an output from
a V− (GND) level that is determined by the output stage of class C push-pull circuit and a 50 μA(TYP.) constant
current, and a low current consumption.
In addition to that, this amplifier can also operate in both positive and negative power supply and can be used
extensively in various amplifier circuits.
The μPC1251 is suited for wide operating ambient temperature use due to its temperature expansion type,
while μPC358 is for general purposes usage.
A DC parameter selection that is compatible to operational amplifiers is also available.
μPC451, μ PC324 which are quad types with the same circuit configuration are also available under this series
of operational amplifiers.
FEATURES
 Input Offset Voltage
±2 mV (TYP.)
 Input Offset Current
±5 nA (TYP.)
 Large Signal Voltage Gain
100000 (TYP.)
 Internal Frequency Compensation
 Output Short-Circuit Protection
Product Lineup
Package
Standard SOP
TSSOP
MSOP
Subject Part Number
μPC1251G2,
μPC358G2
μPC1251GR-9LG,
μPC358GR-9LG
μPC1251MP-KAA
Outline Comparison
(Mounting Area Ratio)
Unit : mm
(100 %)
Unit : mm
(60 %)
Unit : mm
(34 %)
The information in this document is subject to change without notice Before using this
document, please confirm that this is the latest version. Not all products and/or types are
available in every country. Please check with Renesas Electronics sales representative for
availability and additional information.
5.2
6.5
3.15
6.4
4.4
2.8
2.9
4.0
0.65
R03DS0144EJ0100
Rev.1.00
2019.1.17


Similar Part No. - UPC358G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC358G2 NEC-UPC358G2 Datasheet
74Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC358G2 RENESAS-UPC358G2 Datasheet
251Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC358G2 RENESAS-UPC358G2 Datasheet
346Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC358G2 RENESAS-UPC358G2 Datasheet
522Kb / 12P
Single Power Supply Dual Operational Amplifiers
Rev.2.00 Feb.18.25
UPC358G2-AP RENESAS-UPC358G2-AP Datasheet
522Kb / 12P
Single Power Supply Dual Operational Amplifiers
Rev.2.00 Feb.18.25
More results

Similar Description - UPC358G2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
Single Supply Dual Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Renesas Technology Corp
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Renesas Technology Corp
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
Single Power Supply Dual Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com