Electronic Components Datasheet Search
  English  ▼

X  

UPC1470 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC1470
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1470 Datasheet(HTML) 6 Page - Renesas Technology Corp

  UPC1470 Datasheet HTML 1Page - Renesas Technology Corp UPC1470 Datasheet HTML 2Page - Renesas Technology Corp UPC1470 Datasheet HTML 3Page - Renesas Technology Corp UPC1470 Datasheet HTML 4Page - Renesas Technology Corp UPC1470 Datasheet HTML 5Page - Renesas Technology Corp UPC1470 Datasheet HTML 6Page - Renesas Technology Corp UPC1470 Datasheet HTML 7Page - Renesas Technology Corp UPC1470 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
µPC1470
4
APPLICATION CIRCUIT
M
VCC
L (47 H)
Motor
RT
RS
1
2
4
3
Vref
STARTING
CIRCUIT
COMPARATOR
CURRENT
MILLOR
µ
VCC = 12 V
Rm = 19.5
Ω
RT = 330
Ω
RS = 1 k
Ω
EO = 2.3 V
K
= 20
Notes 1. The motor speed can be adjusted by the variable resistor RS.
R
E
S
O
min .
=
V• R
– V
– I • R
ref
T
ref
q
T
2. If RT max. > K•Rm min, instability of the motor may occur.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com