Electronic Components Datasheet Search
  English  ▼

X  

BU2507DX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BU2507DX
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2507DX Datasheet(HTML) 3 Page - NXP Semiconductors

  BU2507DX Datasheet HTML 1Page - NXP Semiconductors BU2507DX Datasheet HTML 2Page - NXP Semiconductors BU2507DX Datasheet HTML 3Page - NXP Semiconductors BU2507DX Datasheet HTML 4Page - NXP Semiconductors BU2507DX Datasheet HTML 5Page - NXP Semiconductors BU2507DX Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2507DX
Fig.1. Switching times waveforms.
Fig.2. Switching times definitions.
Fig.3. Switching times test circuit.
Fig.4. High and low DC current gain. h
FE = f (IC)
V
CE = 1 V
Fig.5. High and low DC current gain. h
FE = f (IC)
V
CE = 5 V
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
IC
IB
VCE
ICsat
IBend
64us
26us
20us
t
t
t
TRANSISTOR
DIODE
BU2507DF/X
0.01
0.1
1
10
1
10
100
IC / A
hFE
Ths = 25 C
Ths = 85 C
VCE = 1 V
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
BU2507DF/X
0.01
0.1
1
10
1
10
100
IC / A
hFE
VCE = 5 V
Ths = 25 C
Ths = 85 C
+ 150 v nominal
adjust for ICsat
1mH
12nF
D.U.T.
LB
IBend
-VBB
Rbe
0.1
1
10
100
0.01
0.1
1
10
IC / A
VCESAT / V
Ths = 25 C
Ths = 85 C
IC/IB = 3
IC/IB = 4
IC/IB = 5
BU2507DF/X
September 1997
3
Rev 1.200



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com