Electronic Components Datasheet Search
  English  ▼

X  

UPC834 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC834
Description  Low Noise J-FET Input Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC834 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC834 Datasheet HTML 1Page - Renesas Technology Corp UPC834 Datasheet HTML 2Page - Renesas Technology Corp UPC834 Datasheet HTML 3Page - Renesas Technology Corp UPC834 Datasheet HTML 4Page - Renesas Technology Corp UPC834 Datasheet HTML 5Page - Renesas Technology Corp UPC834 Datasheet HTML 6Page - Renesas Technology Corp UPC834 Datasheet HTML 7Page - Renesas Technology Corp UPC834 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0153EJ0100
Rev.1.00
Page 1 of 7
2019.11.12
Datasheet
μPC834, 4064
Low Power Consumption J-FET
Input Quad Operational Amplifier
DESCRIPTION
The μPC834 and 4064 are low power consumption versions operational amplifier of μPC804 and 4084 series
with the general-purpose J-FET input. This revolutionary J-FET input operational amplifier realizes low power
consumption of ICC 800 μA TYP. and low voltage operation from ± 2 V. Owing to its J-FET input, the input
impedance is high. The AC characteristics are also greatly improved compared to the conventional low power
consumption operational amplifier. Therefore, it is ideal for application circuits such as amplifier circuits and
active filters in various battery-operated electronic devices.
Depending on the operating ambient temperature, µPC834 is suitable for communication application while
µPC4064 is suitable for general-purpose usage.
Along with this series of lineup, the dual type op-amp μPC832 and 4062 with same circuit configuration are
also available.
FEATURES
 Input Offset Voltage
±2 mV (TYP.)
 Input Bias Current
10 pA (TYP.)
 Slew Rate
3 V/μs (TYP.)
 Unity Gain Frequency
1 MHz (TYP.)
 Circuit Current
800 μA (TYP.)
 Operate from ±2 V
 Built-In Phase Compensation Circuit
 Built-In Output Short Circuit Protection
 Standard Quad Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Ordering Name
Package
μPC834G2-A
14 pin plastic SOP ( 5.72 mm ( 225 mil ))
μPC4064G2-A
14 pin plastic SOP ( 5.72 mm ( 225 mil ))
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14
OUT3
13 II4
12 IN4
7
OUT2
6
II2
5
IN2
8
OUT4
II3
10 IN3
1
-+
4
+-
9
-+
2
+ -
3
R1
R4
R9
R5
R6
R2
R3
R10
R7
R8
Q1
Q2
Q3
Q4
Q5
Q9
Q8
Q6
Q7
Q13
Q10
Q12
Q11
Q14
Q16
Q15
Q17
Q19
Q20
Q18
C1
IN
II
OUT
V +
V -
µPC834G2, μPC4064G2
R03DS0153EJ0100
Rev.1.00
2019.11.12


Similar Part No. - UPC834

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
516Kb / 8P
Low Power Consumption J-FET Input Quad Operational Amplifiers
Rev.2.00 Feb.21.25
UPC834G2-AP RENESAS-UPC834G2-AP Datasheet
516Kb / 8P
Low Power Consumption J-FET Input Quad Operational Amplifiers
Rev.2.00 Feb.21.25
UPC834 RENESAS-UPC834_V01 Datasheet
516Kb / 8P
Low Power Consumption J-FET Input Quad Operational Amplifiers
Rev.2.00 Feb.21.25
More results

Similar Description - UPC834

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com