Electronic Components Datasheet Search
  English  ▼

X  

UPC835 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC835
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC835 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC835 Datasheet HTML 4Page - Renesas Technology Corp UPC835 Datasheet HTML 5Page - Renesas Technology Corp UPC835 Datasheet HTML 6Page - Renesas Technology Corp UPC835 Datasheet HTML 7Page - Renesas Technology Corp UPC835 Datasheet HTML 8Page - Renesas Technology Corp UPC835 Datasheet HTML 9Page - Renesas Technology Corp UPC835 Datasheet HTML 10Page - Renesas Technology Corp UPC835 Datasheet HTML 11Page - Renesas Technology Corp UPC835 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet G18672EJ1V0DS
6
μPC835
IB vs. TA
VOm vs. V±
1
10
100
1000
-50
-25
0
25
50
75
100
V± =
±15 V
TA
− Operating Ambient Temperature − °C
0
5
10
15
20
25
30
35
40
0
5
10
15
20
RL = 10 k
Ω
V±
− Supply Voltage − V
VO+ vs. IO(SOURCE)
VO− vs. IO(SINK)
15
12
9
6
3
0
0
5
10
15
TA = 85
°C
25
°C
−40°C
IO(SOURCE)
− Output Source Current − mA
-15
-12
-9
-6
-3
0
0
-5
-10
-15
-20
TA = 85
°C
25
°C
−40°C
IO(SINK)
− Output Sink Current − mA
ICC vs. TA
en vs. f
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
TA
− Operating Ambient Temperature − °C
0
20
40
60
80
100
V± =
±15 V
RS = 100
Ω
f - Frequency - Hz
10
100
1 k
10 k
100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com