Electronic Components Datasheet Search
  English  ▼

X  

S172 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # S172
Description  CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

S172 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  S172 Datasheet HTML 1Page - Teledyne Technologies Incorporated S172 Datasheet HTML 2Page - Teledyne Technologies Incorporated S172 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2022 TELEDYNE RELAYS
Series S172
SMT, DPDT Non-Latching
Commercial Electromechanical Relay
S172_2022
GENERAL ELECTRICAL SPECIFICATIONS (-55 °C to 85 °C unless otherwise noted. See notes 2 & 3.)
Contact Arrangement
2 Form C (DPDT)
Rated Duty
Continuous
Contact Resistance
0.15 Ω max.
Contact Load Rating
Resistive:
1 A / 28 Vdc
Inductive:
200 mA/ 28 Vdc (320mH)
Lamp:
100 mA / 28 Vdc (320mH)
Low level:
10 to 50 μA @ 10 to 50 mV
Contact Life Ratings
5,000,000 cycles (typical) at low level
500,000 cycles (typical) at 0.5 A / 28 Vdc resistive
100,000 cycles min. at all other loads specified above
Contact Overload Rating
2 A / 28 Vdc Resistive (100 cycles min.)
Contact Carry Rating
Contact Factory
Operate Time
6.0 ms max. @ nominal rated coil voltage
Release Time
S172: 3.0 ms max.
S172D: 6.0 ms max.
Contact Bounce
1.5 ms max.
Intercontact Capacitance
0.4 pf typical
Insulation Resistance
1,000 MΩ min. between mutually isolated terminals
Dielectric Strength
300 Vrms (60 Hz) @ atmospheric pressure
Negative Coil Transient (Vdc) 2.0 Vdc Max.
Diode P.I.V. (Vdc)
60 Vdc Min.
BASE PART NUMBERS (S172, S172D)
S172-5
S172D-5
S172-12
S172D-12
S172-26
S172D-26
Coil Voltage
Nom.
5.0
12.0
26.5
Max.
5.8
16.0
32.0
Coil Resistance (Ohms ±25%)
64
400
1600
Pick-up Voltage (Vdc, Max.) Pulse Operation
3.8
9.0
18.0
Coil Operating Power at Nominal Voltage (mW)
405
360
440
DETAILED ELECTRICAL SPECIFICATIONS (-55 °C to 85 °C unless otherwise noted. See note 3.)
S172 - 26 / R
Relay Series
S172
S172D
Lead Finish
Q = Solder-Coated Leads (Sn60 / Pb40)
R = RoHS Compliant Solder (Sn99.3/Cu0.7)
Coil Voltage
5 = 5V
12 = 12V
26 = 26.5V
Part Numbering System (Notes 4 & 5)
NOTES:
1. Relay contacts will exhibit no chatter in excess of 10 μs or transfer in excess of 1 μs.
2. “Typical” characteristics are based on available data and are best estimates. No on-going verification tests are performed.
3. Unless otherwise specified, parameters are initial values.
4. Unless otherwise specified, relays will be supplied with solder-coated leads.
5. The slash and characters appearing after the slash are not marked on the relay.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com