Electronic Components Datasheet Search
  English  ▼

X  

SC1486 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1486
Description  Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1486 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1486 Datasheet HTML 1Page - Semtech Corporation SC1486 Datasheet HTML 2Page - Semtech Corporation SC1486 Datasheet HTML 3Page - Semtech Corporation SC1486 Datasheet HTML 4Page - Semtech Corporation SC1486 Datasheet HTML 5Page - Semtech Corporation SC1486 Datasheet HTML 6Page - Semtech Corporation SC1486 Datasheet HTML 7Page - Semtech Corporation SC1486 Datasheet HTML 8Page - Semtech Corporation SC1486 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
 2002 Semtech Corp.
www.semtech.com
SC1486
POWER MANAGEMENT
Notes:
(1) The output voltage will have a DC regulation level higher than the error-comparator threshold by 50% of the ripple voltage.
(2) Using a current sense resistor, this measurement relates to PGND minus the voltage of the source on the low-side MOSFET.
(3) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(4) Guaranteed by design. See Shoot-Through Delay Timing Diagram below.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CC
°
5
2C
°
5
2
1
o
t
C
°
0
4
-s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
s
r
e
v
i
r
D
e
t
a
G
y
a
l
e
D
h
g
u
o
r
h
T
-
t
o
o
h
S
)
4
(
g
n
i
s
ir
L
D
r
o
H
D0
3s
n
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
L
Dw
o
l
L
D8
.
06
.
1
Ω
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
L
Dh
g
i
h
L
D2
4
Ω
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
P
H
DV
5
=
X
L
-
T
S
B
,
w
o
l
H
D2
4
Ω
e
c
n
a
t
s
i
s
e
R
p
U
-l
l
u
P
H
DV
5
=
X
L
-
T
S
B
,
h
g
i
h
H
D2
4
Ω
Test Conditions: V
BAT = 15V, EN/PSV1 = 5V, REFIN=1.25V, VCCA1 = VDDP1 = VCCA2 =VDDP2= 5.0V, VVDDQ = 2.5, VVTT = 1.25, RTON1 = 1M, RTON2 = 1M
Shoot-Through Delay Timing Diagram
tplhDL
tplhDH
LX
DL
DL
DH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com