Electronic Components Datasheet Search
  English  ▼

X  

74F00 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74F00
Description  Quad 2-input NAND gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F00 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74F00 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F00 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Philips Semiconductors
Product specification
74F00
Quad 2-input NAND gate
2
October 4, 1990
853-0325 00623
FEATURE
• Industrial temperature range available (–40°C to +85°C)
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F00
3.4ns
4.4mA
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
D2b
D2a
Q2
Q3
D3b
D3a
D0a
D0b
Q1
Q0
D1a
D1b
SF00001
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
INDUSTRIAL RANGE
VCC = 5V ±10%, Tamb = –40°C to +85°C
PKG DWG #
14-pin plastic DIP
N74F00N
I74F00N
SOT27-1
14-pin plastic SO
N74F00D
I74F00D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dna, Dnb
Data inputs
1.0/1.0
20
µA/0.6mA
Qn
Data output
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
LOGIC DIAGRAM
D0a
D0b
D1a
D1b
D2a
Q0
D2b
D3a
D3b
Q1
Q2
Q3
VCC = Pin 14
GND = Pin 7
3
6
8
11
1
2
4
5
9
10
12
13
SF00002
FUNCTION TABLE
INPUTS
OUTPUT
Dna
Dnb
Qn
L
L
H
L
H
H
H
L
H
H
H
L
NOTES:
H = High voltage level
L
= Low voltage level
LOGIC SYMBOL
D0a D0b D1a
D2a D2b D3a D3b
D1b
Q0 Q1 Q2 Q3
36
8
11
12
4
5
9
10 12 13
VCC = Pin 14
GND = Pin 7
SF00003
IEC/IEEE SYMBOL
1
2
4
5
9
10
12
13
&
3
6
8
11
SF00004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com