Electronic Components Datasheet Search
  English  ▼

X  

74F07 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74F07
Description  Hex inverter/buffer drivers (open-collector)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F07 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74F07 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74F07 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
74F07
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
5
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
MIN
TYP2
MAX
IOH
High-level output current
VCC = MIN, VIL = MAX,
VOH = MAX, VIH = MIN
250
µA
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
IOL = MAX
±10% VCC
0.30
0.50
V
VIH = MIN
±5% VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input
voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
ICC
Supply current (total)
ICCH
VCC = MAX
10
14
mA
ICCL
32
45
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 100Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 100Ω
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Yn
Waveform 1
2.0
3.0
4.0
5.0
6.0
7.0
2.0
2.5
6.5
7.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com