Electronic Components Datasheet Search
  English  ▼

X  

S5935TF Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # S5935TF
Description  PCI 5V Bus Master/Target Device 32-bit
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935TF Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button S5935TF Datasheet HTML 35Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 36Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 37Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 38Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 39Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 40Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 41Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 42Page - Applied Micro Circuits Corporation S5935TF Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
3-31
PCI CONFIGURATION REGISTERS
S5935
LATENCY TIMER REGISTER (LAT)
Register Name:
Latency Timer
Address Offset:
0Dh
Power-up value:
00h
Boot-load:
External nvRAM offset
04Dh
Attribute:
Read/Write, bits 7:3;
Read Only bits 2:0
Size:
8 bits
The latency timer register has meaning only when
this controller is used as a bus master and pertains to
the number of PCI bus clocks that this master will be
guaranteed. The nonzero value for this register is
internally decremented after this device has been
granted the bus and has begun to assert FRAME#.
Prior to this latency timer count reaching zero, this
device can ignore the removal of the bus grant and
may continue the use of the bus for data transfers.
7
0
Latency Timer value (R/W)
# of clocks x 8
0
1
0
2
0
3
X
4
X
5
X
6
X
X
Bit
Value
Figure 8. Latency Timer Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com