Electronic Components Datasheet Search
  English  ▼

X  

74F08 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74F08
Description  Quad 2-input AND gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F08 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74F08 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
74F08
Quad 2-input AND gate
1995 Apr 19
4
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C
VCC = +5.0V
CL = 50pF,
RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF,
RL = 500Ω
Tamb = –40°C to +85°C
VCC = +5.0V ± 10%
CL = 50pF,
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dna, Dnb to Qn
Waveform 1
3.0
2.5
4.2
4.0
5.6
5.3
3.0
2.5
6.6
6.3
2.5
2.5
6.6
6.3
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Qn
Dna, Dnb
tPLH
tPHL
SF00054
Waveform 1.
Propagation Delay for Non-Inverting Outputs
TEST CIRCUIT AND WAVEFORM
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com