Electronic Components Datasheet Search
  English  ▼

X  

74F367 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74F367
Description  Hex buffer/driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74F367 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74F367 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74F367 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product data
74F367
Hex buffer/driver
2
2004 Jan 30
FEATURES
• High-impedance NPN base inputs for reduced loading
(20
µA in HIGH and LOW states)
• High-speed
• Bus oriented
• 3-State buffer outputs sink 64 mA
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F367
5.0 ns
36 mA
ORDERING INFORMATION
COMMERCIAL RANGE: VCC = 5 V ± 10%; Tamb = 0 °C to +70 °C
Type number
Package
Name
Description
Version
N74F367N
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
N74F367D
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH / LOW
LOAD VALUE
HIGH / LOW
I0 - I5
Inputs
1.0 / 0.033
20
µA / 20 µA
OE0, OE1
Output enable inputs (active-LOW)
1.0 / 0.033
20
µA / 20 µA
Y0 - Y5
Data Outputs
750 / 106.7
15 mA / 64 mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the HIGH state and 0.6 mA in the LOW state.
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OE1
I0
Y0
I1
Y1
I2
Y2
GND
I5
Y5
I4
Y4
I3
Y3
VCC
OE0
74F367
SF00905



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com