Electronic Components Datasheet Search
  English  ▼

X  

SC2602 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2602
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2602 Datasheet HTML 1Page - Semtech Corporation SC2602 Datasheet HTML 2Page - Semtech Corporation SC2602 Datasheet HTML 3Page - Semtech Corporation SC2602 Datasheet HTML 4Page - Semtech Corporation SC2602 Datasheet HTML 5Page - Semtech Corporation SC2602 Datasheet HTML 6Page - Semtech Corporation SC2602 Datasheet HTML 7Page - Semtech Corporation SC2602 Datasheet HTML 8Page - Semtech Corporation SC2602 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602/SC2602A
Pin Configuration
Ordering Information
Pin Descriptions
e
c
i
v
e
D
)
2
(
)
1
(
y
c
n
e
u
q
e
r
Fe
g
a
k
c
a
P
T
R
T
S
2
0
6
2
C
Sz
H
k
0
0
24
1
-
O
S
T
R
T
S
A
2
0
6
2
C
Sz
H
k
0
0
5
B
V
E
2
0
6
2
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product.
(14-Pin SOIC)
Top View
Note:
(1) All logic level inputs and outputs are open collector TTL compatible.
GND
COMP
SENSE
BSTH
BSTL
DL
SS / SHDN
VCC
OVP
OCSET
PHASE
DH
PGND
PWRGD
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
C
V.
e
g
a
tl
o
v
y
l
p
p
u
s
p
i
h
C
2D
G
R
W
P.
e
g
a
tl
o
v
t
u
p
t
u
o
t
c
e
r
r
o
c
s
e
t
a
c
i
d
n
i
h
g
i
h
c
i
g
o
L
3P
V
O.
n
o
it
c
e
t
o
r
p
e
g
a
tl
o
v
r
e
v
O
4T
E
S
C
O.t
n
i
o
p
p
ir
t
t
n
e
r
r
u
c
r
e
v
o
r
e
t
r
e
v
n
o
c
e
h
t
s
t
e
S
5E
S
A
H
P.
s
T
E
F
S
O
M
e
h
t
n
e
e
w
t
e
b
e
d
o
n
e
s
a
h
p
e
h
t
m
o
r
f
t
u
p
n
I
6H
D.t
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
h
g
i
H
7D
N
G
P.
d
n
u
o
r
g
r
e
w
o
P
8L
D.t
u
p
t
u
o
r
e
v
ir
d
e
d
i
s
w
o
L
9L
T
S
B.r
e
v
ir
d
e
d
i
s
w
o
l
,
p
a
r
t
s
t
o
o
B
0
1H
T
S
B.r
e
v
ir
d
e
d
i
s
h
g
i
h
,
p
a
r
t
s
t
o
o
B
1
1E
S
N
E
S.t
u
p
n
i
e
s
n
e
s
e
g
a
tl
o
V
2
1P
M
O
C.
n
i
p
n
o
it
a
s
n
e
p
m
o
C
3
1N
D
H
S
/
S
S.
e
m
it
t
r
a
t
s
w
o
l
s
e
h
t
s
t
e
s
d
n
u
o
r
g
o
t
r
o
ti
c
a
p
a
c
A
.t
r
a
t
s
tf
o
S
4
1D
N
G.
d
n
u
o
r
g
l
a
n
g
i
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com