Electronic Components Datasheet Search
  English  ▼

X  

74HC20 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC20
Description  Dual 4-input NAND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC20 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC20 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC20 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74HC20
Dual 4-input NAND gate
Rev. 6 — 5 February 2021
Product data sheet
1. General description
The 74HC20 is a dual 4-input NAND gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• CMOS input levels
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C.
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC20D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC20PW
-40 °C to +125 °C
TSSOP14 plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1


Similar Part No. - 74HC20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
Silicon Supplies
74HC20 SS-74HC20 Datasheet
584Kb / 5P
High Speed CMOS Logic
74HC20 SS-74HC20 Datasheet
328Kb / 5P
High Speed CMOS Logic
Rev 1.0 7/5/2019
logo
Nexperia B.V. All right...
74HC20-Q100 NEXPERIA-74HC20-Q100 Datasheet
219Kb / 12P
Dual 4-input NAND gate
logo
NXP Semiconductors
74HC20D PHILIPS-74HC20D Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
More results

Similar Description - 74HC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com