Electronic Components Datasheet Search
  English  ▼

X  

74HC4016D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HC4016D
Description  Quad single-pole single-throw analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4016D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HC4016D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4016D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC4016
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 3 — 12 December 2016
9 of 21
Nexperia
74HC4016
Quad single-pole single-throw analog switch
10. Dynamic characteristics
[1]
tpd is the same as tPHL and tPLH.
[2]
ton is the same as tPHZ and tPLZ.
[3]
toff is the same as tPZH and tPZL.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
Table 8.
Dynamic characteristics 74HC4066
GND = 0 V; tr = tf = 6 ns; CL = 50 pF unless specified otherwise; for test circuit see Figure 12.
Vis is the input voltage at a nY or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nY or nZ terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
+25
C
40 C to +85 C 40 C to +125 C Unit
Typ
Max
Min
Max
Min
Max
tpd
propagation
delay
nY to nZ or nZ to nY;
RL = ; see Figure 10
[1]
VCC = 2.0 V
17
60
-
75
-
90
ns
VCC = 4.5 V
6
12
-
15
-
18
ns
VCC = 6.0 V
5
10
-
13
-
15
ns
VCC = 9.0 V
4
8
-
10
-
12
ns
ton
turn-on time
nE to nY or nZ;
see Figure 11
[2]
VCC = 2.0 V
52
190
-
240
-
235
ns
VCC = 4.5 V
19
38
-
48
-
57
ns
VCC = 5.0 V; CL = 15 pF
16
-
-
-
-
-
ns
VCC = 6.0 V
15
32
-
41
-
48
ns
VCC = 9.0 V
11
28
-
35
-
42
ns
toff
turn-off time
nE to nY or nZ;
see Figure 11
[3]
VCC = 2.0 V
47
145
-
180
-
220
ns
VCC = 4.5 V
17
29
-
36
-
44
ns
VCC = 5.0 V; CL = 15 pF
14
-
-
-
-
-
ns
VCC = 6.0 V
14
25
-
31
-
38
ns
VCC = 9.0 V
13
22
-
28
-
33
ns
CPD
power
dissipation
capacitance
per switch; VI = GND to VCC
[4]
12
-
-
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com