Electronic Components Datasheet Search
  English  ▼

X  

SL441C Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL441C
Description  ZERO VOLTAGE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL441C Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL441C Datasheet HTML 1Page - Zarlink Semiconductor Inc SL441C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL441C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL441C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL441C Datasheet HTML 5Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL441C
2
ELECTRICAL CHARACTERISTICS
These Characteristics are guaranteed at the following temperatures (unless otherwise stated).
Tamb = +25°C
All voltages measured with respect to common (pin 1)
Characteristics
Min
Typ
Max
Units
Shunt regulating voltage pin 3 @ 16mA
14.7
V
Shunt regulating voltage pin 3 @ 16mA @ 75°C
16
V
Supply voltage trip level pin 3
12.2
V
Supply current (less I4AV, I5) (see Note 1)
7.5
mA
Regulated voltage pin 5
8.0
8.5
9.0
V
Regulated voltage temperature coefficient pin 5
-1
+1
mV/ °C
Triac gate drive pin 4 (see Note 2)
Open circuit ON voltage
8.5
V
Open circuit OFF voltage
0.1
V
Output current into 2V drain
100
130
mA
Output current into 4V drain
65
80
mA
Output current into short circuit
200
mA
Internal drain resistance
800
Ω
Control input pin 8
Bias current
1
µA
Hysteresis
20
mV
Sensor malfunction circuit operates at
150
200
250
mV
Input working voltage range
0
12
V
Internal reference voltage (Ramp start) (see Note 3)
4.0
4.25
4.5
V
Internal reference voltage (Ramp finish) (see Note 3)
4.35
V
Peak-to-peak amplitude of ramp
70
100
130
mV
Pin 6 output impedance (R6) (see Note 2)
21.5
27
32.5
k
Ω
Maximum ripple voltage pin 3
1
VP-P
NOTES
1. The supply current is 0.45 x (RMS current fed into pin 2). I5 is the current drained from pin 5 externally. I4AV is the average triac
gate current supplied each mains cycle.
2. Triac firing pulse. tp Pulse width = 0.69 R6CD microseconds typical
tf Pulse finish = 1.09 R6CD microseconds minimum after zero voltage point R6 in kohms. CD in nF.
See Application circuit
tp Nominal (CD = 2.7nF) = 50 microseconds
tp Minimum (CD = 2.7nF) = 63 microseconds
3. Ramp period = 0.85 ± 0.15 x RTCT sec. See Application circuit. The actual value of Rt must lie between 500kohms and 3Mohms.
ABSOLUTE MAXIMUM RATINGS
VOLTAGES
Voltage on pin V8 - I Max. 12V
Voltage on pin V4 - I Max. 10V
TEMPERATURE
Operating ambient temperature TAMB -10°C to +75°C
Storage temperature TSTG -55°C to +150°C
CURRENTS
Supply current (pin 2) Peak value ± I2M 50mA.
Non-repetitive peak current (tp <250µs) ±I2SM 200mA.
Output current (pin 5) Max. 5mA Short circuit protected.
Output current (pin 4) average value I4 (AV) Max 5mA Short
circuit protected



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com