Electronic Components Datasheet Search
  English  ▼

X  

CD2DT Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # CD2DT
Description  DUCT CARBON DIOXIDE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CD2DT Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  CD2DT Datasheet HTML 1Page - Greystone Energy Systems Inc. CD2DT Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CD2DTXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Supply Voltage
COM
COMMON
CO
2
Analog Output
TEMP
Resistance Output
RELAY
Digital Output
PRODUCT
CD2DT
Duct Carbon Dioxide Transmitter
ENCLOSURE
B
F
Polycarbonate with hinged and gasketed cover
Same as B, with thread adapter (1/2” NPT to M16) and cable gland fitting
OPTIONAL TEMPERATURE SENSOR
XX
02
05
06
07
08
12
13
14
20
24
59
None
100Ω Platinum, IEC 751, 385 Alpha, thin film
1801Ω NTC Thermistor, ±0.2°C
3000Ω NTC Thermistor, ±0.2°C
10,000Ω Type 3, NTC Thermistor, ±0.2°C
2.252KΩ NTC Thermistor, ±0.2°C
1000Ω Platinum, IEC 751, 385 Alpha, thin film
1000Ω Nickel, Class B, DIN 43760
10,000Ω Type 3, NTC Thermistor, ±0.2°C c/w 11,000 shunt resistor
20,000Ω NTC Thermistor, ±0.2°C
10,000Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
OPTIONAL RELAY
X
R
None
Adjustable Relay
ORDERING
CD2DT
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
5-YEAR CALIBRATION GUARANTEE
Greystone offers a 5-year calibration guarantee on all its CD series wall and duct mount sensors used for CO2 based ventilation control when operated in an
environment that can utilize ASC software. If the sensor is found to be out of calibration more than 150 PPM as compared to a calibration gas or recently calibrated
reference, Greystone will provide a free factory calibration of the sensor if returned to Greystone. This guarantee only applies if the sensor is operated in an
environment where inside levels periodically drop to outside concentrations (i.e. during evenings or weekends when there is no occupancy) as is required by ASC
software.
ACCESSORIES
CDD1-CALKIT-GS Calibration kit (Gas not included) for calibrating CD & CDD series CO
2 Transmitters.
PWR
COM
CO
2
TEMP
MENU
DOWN
UP
RELAY
VOLT
mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com